Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6721AV Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6721AV
Description  Flexible Single-ended Current Mode PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6721AV Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6721AV Datasheet HTML 7Page - Intersil Corporation ISL6721AV Datasheet HTML 8Page - Intersil Corporation ISL6721AV Datasheet HTML 9Page - Intersil Corporation ISL6721AV Datasheet HTML 10Page - Intersil Corporation ISL6721AV Datasheet HTML 11Page - Intersil Corporation ISL6721AV Datasheet HTML 12Page - Intersil Corporation ISL6721AV Datasheet HTML 13Page - Intersil Corporation ISL6721AV Datasheet HTML 14Page - Intersil Corporation ISL6721AV Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
FN9110.6
March 5, 2008
The minimum amount of capacitance to place at the SLOPE
pin is calculated in Equation 6:
where tON is the On time and VSLOPE is the amount of
voltage to be added as slope compensation to the current
feedback signal. In general, the amount of slope
compensation added is 2 to 3 times the minimum required.
Example:
Assume the inductor current signal presented at the ISENSE
pin decreases 125mV during the Off period, and:
Switching Frequency, fsw = 250kHz
Duty Cycle, D = 60%
tON = D/fsw = 0.6/250E3 = 2.4µs
tOFF = (1 - D)/fsw = 1.6µs
Determine the downslope:
Downslope = 0.125V/1.6µs = 78mV/µs. Now determine the
amount of voltage that must be added to the current sense
signal by the end of the On time.
Therefore,
An appropriate slope compensation capacitance for this
example would be 1/2 to 1/3 the calculated value, or
between 68pF and 33pF.
Overvoltage and Undervoltage Monitor
The OV and UV signals are inputs to a window comparator
used to monitor the input voltage level to the converter. If the
voltage falls outside of the user designated operating range,
a shutdown fault occurs. For OV faults, the supply current,
ICC, is reduced to 200µA for ~295ms at which time recovery
is attempted. If the fault is cleared, a soft-start cycle begins.
Otherwise another shutdown cycle occurs. A UV condition
also results in a shutdown fault, but the device does not
enter the low power mode and no restart delay occurs when
the fault clears.
A resistor divider between VIN and LGND to each input
determines the operational thresholds. The UV threshold
has a fixed hysteresis of 75mV nominal.
Overcurrent Operation
The overcurrent threshold level is set by the voltage applied
at the ISET pin. Setting the overcurrent level may be
accomplished by using a resistor divider network from VREF
to LGND. The ISET threshold should be set at a level that
corresponds to the desired peak output inductor current plus
the additive effects of slope compensation.
Overcurrent delayed shutdown is enabled once the soft-start
cycle is complete. If an overcurrent condition is detected, the
soft-start charging current source is disabled and the
discharging current source is enabled. The soft-start
capacitor is discharged at a rate of 40µA. At the same time,
a 50µs retriggerable one-shot timer is activated amd it
remains active for 50µs after the overcurrent condition stops.
The soft-start discharge cycle cannot be reset until the one-
shot timer becomes inactive. If the soft-start capacitor
discharges by more than 0.125V to 4.375V, the output is
disabled and the soft-start capacitor is discharged. The
output remains disabled and ICC drops to 200µA for
approximately 295ms. A new soft-start cycle is then initiated.
The shutdown and restart behavior of the OC protection is
often referred to as hic-cup operation due to its repetitive
start-up and shutdown characteristic.
If the overcurrent condition ceases at least 50µs prior to the
soft-start voltage reaching 4.375V, the soft-start charging
and discharging currents revert to normal operation and the
soft-start voltage is allowed to recover.
Hiccup OC protection may be defeated by setting ISET to a
voltage that exceeds the Error Amplifier current control
voltage, or about 1.5V.
Leading Edge Blanking
The initial 100ns of the current feedback signal input at
ISENSE is removed by the leading edge blanking circuitry.
The blanking period begins when the GATE output leading
edge exceeds 3.0V. Leading edge blanking prevents current
spikes from parasitic elements in the power supply from
causing false trips of the PWM comparator and the
overcurrent comparator.
Fault Conditions
A Fault condition occurs if VREF falls below 4.65V, the OV
input exceeds 2.50V, the UV input falls below 1.45V, or the
junction temperature of the die exceeds ~+130°C. When a
Fault is detected the GATE output is disabled and the
soft-start capacitor is quickly discharged. When the Fault
condition clears and the soft-start voltage is below the reset
threshold, a soft-start cycle begins.
Time
Downslope
Current Sense Signal
TIME
DOWNSLOPE
CURRENT SENSE SIGNAL
FIGURE 5.
C
SLOPE
4.24
6
×10
t
ON
V
SLOPE
-----------------------
=
F
(EQ. 6)
V
SLOPE
1
2
---
0.078
2.4
94mV
==
(EQ. 7)
C
SLOPE MIN
()
4.24
6
×10
2.4
6
×10
0.094
-----------------------
110pF
=
(EQ. 8)
ISL6721


Similar Part No. - ISL6721AV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721AV INTERSIL-ISL6721AV Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
ISL6721AV INTERSIL-ISL6721AV Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721AV INTERSIL-ISL6721AV Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
logo
Renesas Technology Corp
ISL6721AV-T RENESAS-ISL6721AV-T Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6721AVZ INTERSIL-ISL6721AVZ Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
More results

Similar Description - ISL6721AV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
logo
Intersil Corporation
ISL6721AB INTERSIL-ISL6721AB Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721 INTERSIL-ISL6721_07 Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721 RENESAS-ISL6721 Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com