Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12023IVZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL12023IVZ
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12023IVZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL12023IVZ Datasheet HTML 1Page - Intersil Corporation ISL12023IVZ Datasheet HTML 2Page - Intersil Corporation ISL12023IVZ Datasheet HTML 3Page - Intersil Corporation ISL12023IVZ Datasheet HTML 4Page - Intersil Corporation ISL12023IVZ Datasheet HTML 5Page - Intersil Corporation ISL12023IVZ Datasheet HTML 6Page - Intersil Corporation ISL12023IVZ Datasheet HTML 7Page - Intersil Corporation ISL12023IVZ Datasheet HTML 8Page - Intersil Corporation ISL12023IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
FN6682.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
I2C Bus™ is a trademark owned by NXP Semiconductors Netherlands, B.V.
Copyright Intersil Americas Inc. 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL12023
Real Time Clock with On Chip Temp Compensation ±5ppm
Low Power RTC with Battery-Backed SRAM
and Embedded Temp Compensation ±
5ppm
with Auto Daylight Saving
The ISL12023 device is a low power real time clock with an
embedded Temp sensor for oscillator compensation,
clock/calendar, power fail, low battery monitor, brownout
indicator, single periodic or polled alarms, intelligent
battery-backup switching, Battery Reseal™ function and 128
bytes of battery-backed user SRAM.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
Daylight Savings time adjustment is done automatically,
using parameters entered by the user. Power fail and battery
monitors offer user-selectable trip levels. A time stamp
function records the time and date of switchover from VDD to
VBAT power, and also from VBAT to VDD power.
Pinout
ISL12023
(14 LD TSSOP)
TOP VIEW
Features
• Real Time Clock/Calendar
- Tracks Time in Hours, Minutes and Seconds
- Day of the Week, Day, Month and Year
• On-chip Oscillator Compensation Over the Operating
Temp Range
- ±5ppm Over -40°C to +85°C
• 10-bit Digital Temperature Sensor Output
- ±2°C Accuracy
• Customer Programmable Day Light Saving Time
• Clock Output with 15 Selectable Frequencies
• 1 Alarm
- Settable to the Second, Minute, Hour, Day of the Week,
Day, or Month
- Single Event or Pulse Interrupt Mode
• Battery Reseal™ Function to Extend Battery Shelf Life
• Automatic Backup to Battery or Super Capacitor
- Operation to VBAT = 1.8V
- 1.0µA Battery Supply Current
• Battery Status Monitor
- 2 User Programmable Levels
- Seven Selectable Voltages for Each Level
• Power Status Brownout Monitor
- Six Selectable Trip Levels, from 2.295V to 4.675V
• Oscillator Failure Detection
• Time Stamp for First VDD to VBAT, and Last VBAT to VDD
• 128 Bytes Battery-Backed User SRAM
• Separate FOUT, IRQ, and LVRST Outputs
•I2C Bus™
- 400kHz Clock Frequency
• 14 Ld TSSOP Package
• Pb-Free (RoHS Compliant)
Applications
• Utility Meters
• POS Equipment
• Medical Devices
• Security Systems
• Vending Machines
• White Goods
• Printers and Copiers
VDD
IRQ
SCL
SDA
X1
X2
VBAT
2
3
4
5
13
12
11
GND
FOUT
LVRST
NC
NC
NC
NC
1
6
7
8
9
10
14
Data Sheet
June 24, 2009


Similar Part No. - ISL12023IVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12023IVZ RENESAS-ISL12023IVZ Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results

Similar Description - ISL12023IVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12023 RENESAS-ISL12023 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com