Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2100IRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP2100IRZ
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2100IRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP2100IRZ Datasheet HTML 3Page - Intersil Corporation HIP2100IRZ Datasheet HTML 4Page - Intersil Corporation HIP2100IRZ Datasheet HTML 5Page - Intersil Corporation HIP2100IRZ Datasheet HTML 6Page - Intersil Corporation HIP2100IRZ Datasheet HTML 7Page - Intersil Corporation HIP2100IRZ Datasheet HTML 8Page - Intersil Corporation HIP2100IRZ Datasheet HTML 9Page - Intersil Corporation HIP2100IRZ Datasheet HTML 10Page - Intersil Corporation HIP2100IRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN4022.14
FIGURE 7. HIGH LEVEL OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 8. LOW LEVEL OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 9. UNDERVOLTAGE LOCKOUT THRESHOLD vs
TEMPERATURE
FIGURE 10. UNDERVOLTAGE LOCKOUT HYSTERESIS vs
TEMPERATURE
FIGURE 11. PROPAGATION DELAYS vs TEMPERATURE
FIGURE 12. PEAK PULLUP CURRENT vs OUTPUT VOLTAGE
Typical Performance Curves (Continued)
TEMPERATURE (°C)
500
400
300
200
100
-50
0
50
100
150
VHB = VDD = 9V
VHB = VDD = 12V
VHB = VDD = 14V
TEMPERATURE (°C)
500
400
300
200
100
-50
0
50
100
150
VHB = VDD = 9V
VHB = VDD = 12V
VHB = VDD = 14V
TEMPERATURE (°C)
-50
0
50
100
150
7.6
7.4
7.2
7.0
6.8
6.6
VDDR
VHBR
TEMPERATURE (°C)
-50
0
50
100
150
0.54
0.50
0.46
0.42
0.38
0.30
VDDH
VHBH
0.34
tHPHL
tHPLH
tLPHL
tLPLH
TEMPERATURE (°C)
-50
0
50
100
150
30
25
20
15
6
2.0
12
10
8
4
2
0
2.5
1.5
1.0
0.5
0
VHO, VLO (V)
HIP2100


Similar Part No. - HIP2100IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
348Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IRZ INTERSIL-HIP2100IRZ Datasheet
387Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
logo
Renesas Technology Corp
HIP2100IRZ RENESAS-HIP2100IRZ Datasheet
670Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
More results

Similar Description - HIP2100IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2100IBZT INTERSIL-HIP2100IBZT Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100 INTERSIL-HIP2100_04 Datasheet
348Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Renesas Technology Corp
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Intersil Corporation
HIP2101 INTERSIL-HIP2101 Datasheet
413Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IB INTERSIL-HIP2100IB Datasheet
387Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
HIP2101IB INTERSIL-HIP2101IB Datasheet
410Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
logo
Renesas Technology Corp
HIP2100 RENESAS-HIP2100 Datasheet
670Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Intersil Corporation
HIP2100IBT INTERSIL-HIP2100IBT Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2101EIBZT INTERSIL-HIP2101EIBZT Datasheet
419Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2106 INTERSIL-HIP2106 Datasheet
66Kb / 8P
   100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com