Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5370IUZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5370IUZ
Description  100MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5370IUZ Datasheet(HTML) 1 Page - Intersil Corporation

  EL5370IUZ Datasheet HTML 1Page - Intersil Corporation EL5370IUZ Datasheet HTML 2Page - Intersil Corporation EL5370IUZ Datasheet HTML 3Page - Intersil Corporation EL5370IUZ Datasheet HTML 4Page - Intersil Corporation EL5370IUZ Datasheet HTML 5Page - Intersil Corporation EL5370IUZ Datasheet HTML 6Page - Intersil Corporation EL5370IUZ Datasheet HTML 7Page - Intersil Corporation EL5370IUZ Datasheet HTML 8Page - Intersil Corporation EL5370IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7309.8
EL5170, EL5370
100MHz Differential Twisted-Pair Drivers
The EL5170 and EL5370 are single and triple high bandwidth
amplifiers with a fixed gain of 2. They are primarily targeted for
applications such as driving twisted-pair lines in component
video applications. The inputs signal can be in either
single-ended or differential form but the outputs are always in
differential form.
The output common mode level for each channel is set by
the associated VREF pin, which have a -3dB bandwidth of
over 70MHz. Generally, these pins are grounded but can be
tied to any voltage reference.
All outputs are short circuit protected to withstand temporary
overload condition.
The EL5170 and EL5370 are specified for operation over the
full -40°C to +85°C temperature range.
Features
• Fully differential inputs and outputs
• Differential input range ±2.3V typ.
• 100MHz 3dB bandwidth at fixed gain of 2
• 1100V/µs slew rate
• Single 5V or dual ±5V supplies
• 50mA maximum output current
• Low power - 7.4mA per channel
• Pb-free available (RoHS compliant)
Applications
• Twisted-pair drivers
• Differential line drivers
• VGA over twisted-pairs
• ADSL/HDSL drivers
• Single ended to differential amplification
• Transmission of analog signals in a noisy environment
Pinouts
EL5170
(8 LD SOIC, MSOP)
TOP VIEW
EL5370
(24 LD QSOP)
TOP VIEW
1
2
3
4
8
7
6
5
-
+
IN+
EN
IN-
REF
OUT+
VS-
VS+
OUT-
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
-
+
EN
INP1
INN1
REF1
NC
INP2
INN2
REF2
NC
INP3
INN3
REF3
OUT1
OUT1B
NC
VSP
VSN
NC
OUT2
OUT2B
NC
OUT3
OUT3B
NC
-
+
-
+
Data Sheet
September 14, 2010
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002, 2003, 2004, 2006, 2007, 2010. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5370IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5370IUZ INTERSIL-EL5370IUZ Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5370IUZ INTERSIL-EL5370IUZ Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5370IUZ RENESAS-EL5370IUZ Datasheet
720Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5370IUZ-T13 INTERSIL-EL5370IUZ-T13 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5370IUZ-T13 INTERSIL-EL5370IUZ-T13 Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5370IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5170 RENESAS-EL5170 Datasheet
720Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5170 INTERSIL-EL5170_07 Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com