Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97519AIUZ-TK Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL97519AIUZ-TK
Description  600kHz/1.2MHz PWM Step-Up Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97519AIUZ-TK Datasheet(HTML) 2 Page - Intersil Corporation

  ISL97519AIUZ-TK Datasheet HTML 1Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 2Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FN6683.2
June 30, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
LX to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27V
VDD to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6V
COMP, FB, EN, SS, FSEL to GND . . . . . . . . . -0.3V to (VDD +0.3V)
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Ambient Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . See Curves on page 5
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VIN = 3.3V, VOUT = 12V, IOUT = 0mA, FSEL = GND, TA = -40°C to +85°C unless otherwise specified.
Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature
limits established by characterization and are not production tested.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
IQ1
Quiescent Current - Shutdown
EN = 0V
1
5
µA
IQ2
Quiescent Current - Not Switching
EN = VDD, FB = 1.3V
0.7
mA
IQ3
Quiescent Current - Switching
EN = VDD, FB = 1.0V
3
4.5
mA
VFB
Feedback Voltage
1.228
1.24
1.252
V
IB-FB
Feedback Input Bias Current
0.01
0.5
µA
VDD
Input Voltage Range
2.3
5.5
V
DMAX-600kHz Maximum Duty Cycle
FSEL = 0V
85
92
%
DMAX-1.2MHz Maximum Duty Cycle
FSEL = VDD
85
90
%
ILIM1
Current Limit - Max Peak Input Current
VDD < 2.8V
1.0
A
ILIM2
Current Limit - Max Peak Input Current
VDD > 2.8V
1.5
2.0
A
IEN
Shutdown Input Bias Current
EN = 0V
0.01
0.5
µA
rDS(ON)
Switch ON-Resistance
VDD = 2.7V, ILX = 1A
0.2
Ω
ILX-LEAK
Switch Leakage Current
VSW = 27V
0.01
3
µA
ΔVOUT/ΔVIN
Line Regulation
3V < VIN < 5.5V, VOUT = 12V
0.2
%
ΔV
OUT/ΔIOUT
Load Regulation
VIN = 3.3V, VOUT = 12V, IO = 30mA to 200mA
0.3
%
FOSC1
Switching Frequency Accuracy
FSEL = 0V
500
620
740
kHz
FOSC2
Switching Frequency Accuracy
FSEL = VDD
1000
1250
1500
kHz
VIL
EN, FSEL Input Low Level
0.5
V
VIH
EN, FSEL Input High Level
1.5
V
GM
Error Amp Tranconductance
ΔI = 5µA
70
130
150
1µ/
Ω
VDD-ON
VDD UVLO On Threshold
1.95
2.1
2.25
V
HYS
VDD UVLO Hysteresis
140
mV
ISS
Soft-Start Charge Current
2
3
4
µA
VSS-en
Minimum Soft-Start Enable Voltage
40
65
150
mV
ILIM-VSS-en
Current Limit Around SS Enable V
SS = 200mV
300
350
400
mA
OTP
Over-Temperature Protection
150
°C
ISL97519A


Similar Part No. - ISL97519AIUZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97519AIUZ-TK RENESAS-ISL97519AIUZ-TK Datasheet
681Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - ISL97519AIUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97519A RENESAS-ISL97519A Datasheet
681Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com