Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55012IEZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL55012IEZ-T7
Description  MMIC Silicon Bipolar Broadband Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55012IEZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL55012IEZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL55012IEZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL55012IEZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL55012IEZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55012IEZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55012IEZ-T7 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ISL55012
5
FN6258.0
December 6, 2006
FIGURE 11. S11 AND S22 vs FREQUENCY
Typical Performance Curves 50Ω environment (Continued)
20
0.2
0.4
0.6
0.8
1.0
6.0
7.0
8.0
9.0
50
10
5.0
4.0
20
0.
4
0.3
0.2
0.1
0.2
0.4
0.6
0.
8
RF Café 2002
S22
S11
0.5 GHz
1.0
2.2
3 GHz
0.5 GHz
1.0
2.2
3 GHz


Similar Part No. - ISL55012IEZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
362Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
logo
Renesas Technology Corp
ISL55012IEZ-T7 RENESAS-ISL55012IEZ-T7 Datasheet
539Kb / 7P
   MMIC Silicon Bipolar Broadband Amplifier
More results

Similar Description - ISL55012IEZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
362Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
ISL55014IEZ-T7 INTERSIL-ISL55014IEZ-T7 Datasheet
262Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 13, 2007
ISL55005 INTERSIL-ISL55005 Datasheet
145Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55010 INTERSIL-ISL55010 Datasheet
138Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55009 INTERSIL-ISL55009 Datasheet
147Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 INTERSIL-ISL55011 Datasheet
137Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55007 INTERSIL-ISL55007 Datasheet
144Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55010 RENESAS-ISL55010 Datasheet
338Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com