Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5220ILZ-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5220ILZ-T13
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5220ILZ-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5220ILZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5220ILZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5220ILZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5220ILZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5220ILZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5220ILZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5220ILZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5220ILZ-T13 Datasheet HTML 10Page - Intersil Corporation EL5220ILZ-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN7186.6
March 4, 2009
Typical Performance Curves
FIGURE 1. EL5420 INPUT OFFSET VOLTAGE DISTRIBUTION
FIGURE 2. EL5420 INPUT OFFSET VOLTAGE DRIFT
FIGURE 3. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 4. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 5. OUTPUT HIGH VOLTAGE vs TEMPERATURE
FIGURE 6. OUTPUT LOW VOLTAGE vs TEMPERATURE
400
1200
INPUT OFFSET VOLTAGE (mV)
0
1800
1600
800
200
1400
1000
600
VS = ±5V
TA = +25°C
TYPICAL
PRODUCTION
DISTRIBUTION
INPUT OFFSET VOLTAGE DRIFT, TCVOS (µV/°C)
10
50
0
70
30
60
40
20
VS = ±5V
TYPICAL
PRODUCTION
DISTRIBUTION
0150
0
5
TEMPERATURE (°C)
-5
50
-50
100
10
VS = ±5V
0.0
TEMPERATURE (°C)
-2.0
2.0
0
150
50
-50
100
VS = ±5V
4.94
4.95
4.93
4.97
0
150
TEMPERATURE (°C)
50
-50
100
4.96
VS = ±5V
IOUT = 5mA
-4.95
-4.93
-4.97
-4.91
0
150
TEMPERATURE (°C)
50
-50
100
-4.92
-4.94
-4.96
VS = ±5V
IOUT = -5mA
EL5120, EL5220, EL5420


Similar Part No. - EL5220ILZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5220ILZ-T13 INTERSIL-EL5220ILZ-T13 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5220ILZ-T13 RENESAS-EL5220ILZ-T13 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5220ILZ-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com