Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5153IW-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5153IW-T7
Description  270MHz Ultra-Accurate Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5153IW-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5153IW-T7 Datasheet HTML 5Page - Intersil Corporation EL5153IW-T7 Datasheet HTML 6Page - Intersil Corporation EL5153IW-T7 Datasheet HTML 7Page - Intersil Corporation EL5153IW-T7 Datasheet HTML 8Page - Intersil Corporation EL5153IW-T7 Datasheet HTML 9Page - Intersil Corporation EL5153IW-T7 Datasheet HTML 10Page - Intersil Corporation EL5153IW-T7 Datasheet HTML 11Page - Intersil Corporation EL5153IW-T7 Datasheet HTML 12Page - Intersil Corporation EL5153IW-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN7385.6
March 2, 2009
EL5152 Product Description
The EL5152, EL5153, EL5252, and EL5455 are wide
bandwidth, low power, low offset voltage feedback
operational amplifiers capable of operating from a single or
dual power supplies. This family of operational amplifiers are
internally compensated for closed loop gain of +1 or greater.
Connected in voltage follower mode, driving a 500
Ω load
members of this amplifier family demonstrate a -3dB
bandwidth of about 270MHz. With the loading set to
accommodate typical video application, 150
Ω load and gain
set to +2, bandwidth reduces to about 180MHz with a
600V/µs slew rate. Power down pins on the EL5152 and
EL5252 reduce the already low power demands of this
amplifier family to 17µA typical while the amplifier is
disabled.
Input, Output and Supply Voltage Range
The EL5152 and EL5153 families have been designed to
operate with supply voltage ranging from 5V to 12V. Supply
voltages range from ±2.5V to ±5V for split supply operation.
Of course split supply operation can easily be achieved
using single supplies by splitting off half of the single supply
with a simple voltage divider as illustrated in the application
circuit section.
Input Common Mode Range
These amplifiers have an input common mode voltage
ranging from 1.5V above the negative supply (VS- pin) to
1.5V below the positive supply (VS+ pin). If the input signal is
driven beyond this range the output signal will exhibit
distortion.
Maximum Output Swing & Load Resistance
The outputs of the EL5152 and EL5153 families maximum
output swing ranges from -4V to 4V for VS = ±5V with a load
resistance of 500
Ω. Naturally, as the load resistance
becomes lower, the output swing lowers accordingly; for
instance, if the load resistor is 150
Ω, the output swing
ranges from -3.5V to 3.5V. This response is a simple
application of Ohms law indicating a lower value resistance
results in greater current demands of the amplifier.
Additionally, the load resistance affects the frequency
response of this family as well as all operational amplifiers,
as clearly indicated by the Gain vs Frequency for Various RL
curves clearly indicate. In the case of the frequency
response reduced bandwidth with decreasing load
resistance is a function of load resistance in conjunction with
the output zero response of the amplifier.
Choosing a Feedback Resistor
A feedback resistor is required to achieve unity gain; simply
short the output pin to the inverting input pin. Gains greater
than +1 require a feedback and gain resistor to set the
desired gain. This gets interesting because the feedback
resistor forms a pole with the parasitic capacitance at the
inverting input. As the feedback resistance increases the
position of the pole shifts in the frequency domain, the
amplifier's phase margin is reduced and the amplifier
becomes less stable. Peaking in the frequency domain and
ringing in the time domain are symptomatic of this shift in
pole location. So we want to keep the feedback resistor as
small as possible. You may want to use a large feedback
resistor for some reason; in this case to compensate the shift
of the pole and maintain stability a small capacitor in the few
Pico farad range in parallel with the feedback resistor is
recommended.
For the gains greater than unity, it has been determined a
feedback resistance ranging from 500
Ω to 750Ω provides
optimal response.
Gain Bandwidth Product
The EL5156 and EL5157 families have a gain bandwidth
product of 210MHz for a gain of +5. Bandwidth can be
predicted by the following Equation 1:
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and same frequency
response as DC levels are changed at the output; this
characteristic is widely referred to as “diffgain-diffphase”.
Many amplifiers have a difficult time with this especially while
driving standard video loads of 150
Ω, as the output current
has a natural tendency to change with DC level. The EL5152
dG and dP for these families is a respectable 0.006% and
0.04%, while driving 150
Ω at a gain of 2. Driving high
impedance loads would give a similar or better dG and dP
performance as the current output demands placed on the
amplifier lessen with increased load.
Driving Capacitive Loads
The EL5152 and EL5153 families can easily drive capacitive
loads as demanding as 27pF in parallel with 500
Ω while
holding peaking to within 5dB of peaking at unity gain. Of
course if less peaking is desired, a small series resistor
(usually between 5
Ω to 50Ω) can be placed in series with the
output to eliminate most peaking. However, there will be a
small sacrifice of gain which can be recovered by simply
adjusting the value of the gain resistor.
Driving Cables
Both ends of all cables must always be properly terminated;
double termination is absolutely necessary for reflection-free
performance. Additionally, a back-termination series resistor
at the amplifier's output will isolate the amplifier from the
cable and allow extensive capacitive drive. However, other
applications may have high capacitive loads without a back-
termination resistor. Again, a small series resistor at the
output can help to reduce peaking.
Gain
BW
GainBandwidthProduct
=
×
(EQ. 1)
EL5152, EL5153, EL5252, EL5455


Similar Part No. - EL5153IW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5153IW-T7 INTERSIL-EL5153IW-T7 Datasheet
357Kb / 14P
   300MHz Amplifiers
EL5153IW-T7 INTERSIL-EL5153IW-T7 Datasheet
705Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5153IW-T7 INTERSIL-EL5153IW-T7 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5153IW-T7 RENESAS-EL5153IW-T7 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Intersil Corporation
EL5153IW-T7A INTERSIL-EL5153IW-T7A Datasheet
357Kb / 14P
   300MHz Amplifiers
More results

Similar Description - EL5153IW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152 INTERSIL-EL5152_07 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152 INTERSIL-EL5152_05 Datasheet
705Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152 RENESAS-EL5152 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
[Old version datasheet]   270MHZ HIGH SPEED AMPLIFIERS
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
Analog Devices
SMP-10 AD-SMP-10 Datasheet
540Kb / 9P
   Low Droop Rate/Accurate Sample-andHold Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com