Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5220CY-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5220CY-T7
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5220CY-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5220CY-T7 Datasheet HTML 1Page - Intersil Corporation EL5220CY-T7 Datasheet HTML 2Page - Intersil Corporation EL5220CY-T7 Datasheet HTML 3Page - Intersil Corporation EL5220CY-T7 Datasheet HTML 4Page - Intersil Corporation EL5220CY-T7 Datasheet HTML 5Page - Intersil Corporation EL5220CY-T7 Datasheet HTML 6Page - Intersil Corporation EL5220CY-T7 Datasheet HTML 7Page - Intersil Corporation EL5220CY-T7 Datasheet HTML 8Page - Intersil Corporation EL5220CY-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN7186.6
March 4, 2009
Pinouts
EL5420
(16 LD QFN)
TOP VIEW
1
2
3
5
4
1
2
3
4
8
7
6
5
1
2
3
4
12
11
10
9
VINA-
VINA+
VS+
VINB+
VIND-
VIND+
VS-
VINC+
VS+
VIN-
VIN+
VS-
VOUT
VS+
VOUTB
VINB-
VINB+
VS-
VINA+
VINA-
VOUTA
-
+
-
+
-
+
THERMAL
PAD
EL5220
(8 LD MSOP)
TOP VIEW
EL5120
(5 LD TSOT)
TOP VIEW
1
2
3
4
14
13
12
11
5
6
7
10
9
8
-+
-
+
VOUTD
VIND-
VIND+
VS-
VINC+
VINC-
VOUTC
VOUTB
VINB-
VINB+
VS+
VINA+
VINA-
VOUTA
-+
-
+
EL5420
(14 LD TSSOP, SOIC)
TOP VIEW
2
3
4
1
7
6
5
8
VOUTA
VINA-
VINA+
VS-
VS+
VOUTB
VINB-
VINB+
EL5220
(8 LD DFN)
TOP VIEW
THERMAL
PAD
THERMAL PAD
CONNECTS TO VS-
THERMAL PAD
CONNECTS TO VS-
EL5120, EL5220, EL5420


Similar Part No. - EL5220CY-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220CY-T7 ELANTEC-EL5220CY-T7 Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5220CY-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com