Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6406IVZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6406IVZ
Description  Single Synchronous Buck Pulse-Width Modulation PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6406IVZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6406IVZ Datasheet HTML 4Page - Intersil Corporation ISL6406IVZ Datasheet HTML 5Page - Intersil Corporation ISL6406IVZ Datasheet HTML 6Page - Intersil Corporation ISL6406IVZ Datasheet HTML 7Page - Intersil Corporation ISL6406IVZ Datasheet HTML 8Page - Intersil Corporation ISL6406IVZ Datasheet HTML 9Page - Intersil Corporation ISL6406IVZ Datasheet HTML 10Page - Intersil Corporation ISL6406IVZ Datasheet HTML 11Page - Intersil Corporation ISL6406IVZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Functional Description
Initialization
The ISL6406 automatically initializes upon receipt of power.
Special sequencing of the input supplies is not necessary.
The Power-On Reset (POR) function continually monitors the
the output voltage of the charge pump. During POR, the charge
pump operates on a free running oscillator. Once the POR level
is reached, the charge pump oscillator is synched to the PWM
oscillator. The POR function also initiates the soft-start
operation after the charge pump output voltage exceeds its
POR threshold.
Soft-Start
The POR function initiates the digital soft-start sequence.
The PWM error amplifier reference is clamped to a level
proportional to the soft-start voltage. As the soft-start voltage
slews up, the PWM comparator generates PHASE pulses of
increasing width that charge the output capacitor(s). This
method provides a rapid and controlled output voltage rise.
The soft start sequence typically takes about 6.5ms.
Figure 2 shows the soft-start sequence for a typical
application. At t0, the +3.3V VCC voltage starts to ramp. At
time t1, the Charge Pump begins operation and the +5V
CPVOUT IC bias voltage starts to ramp up. Once the voltage
on CPVOUT crosses the POR threshold at time t2, the
output begins the soft-start sequence. The triangle waveform
from the PWM oscillator is compared to the rising error
amplifier output voltage. As the error amplifier voltage
increases, the pulse-width on the UGATE pin increases to
reach the steady-state duty cycle at time t3.
Frequency Selection
The ISL6406 offers adjustable frequency from 100kHz to
700kHz by changing external resistor connected at pin RT.
Figure 3 shows the typical RT vs Frequency variation curve.
Shoot-Through Protection
A shoot-through condition occurs when both the upper
MOSFET and lower MOSFET are turned on simultaneously,
effectively shorting the input voltage to ground. To protect
the regulator from a shoot-through condition, the ISL6406,
ISL6426 incorporates specialized circuitry which insures that
the MOSFETs are not ON simultaneously.
The adaptive shoot-through protection utilized by the
ISL6406, ISL6426 looks at the lower gate drive pin, LGATE,
and the upper gate drive pin, UGATE, to determine whether
a MOSFET is ON or OFF. If the voltage from UGATE or from
LGATE to GND is less than 0.8V, then the respective
MOSFET is defined as being OFF and the other MOSFET is
turned ON. This method of shoot-through protection allows
the regulator to sink or source current.
Since the voltage of the lower MOSFET gate and the upper
MOSFET gate are being measured to determine the state of
the MOSFET, the designer is encouraged to consider the
repercussions of introducing external components between
the gate drivers and their respective MOSFET gates before
actually implementing such measures. Doing so may
interfere with the shoot-through protection.
Output Voltage Selection
The output voltage can be programmed to any level between
VIN and the internal reference, 0.8V. An external resistor
divider is used to scale the output voltage relative to the
reference voltage and feed it back to the inverting input of
the error amplifier, see Figure 4. However, since the value of
R1 affects the values of the rest of the compensation
components, it is advisable to keep its value less than 5K.
R4 can be calculated based on the following equation:
If the output voltage desired is 0.8V, simply route the output
back to the FB pin through R1, but do not populate R4.
FIGURE 2. SOFT-START INTERVAL
0V
TIME
t2
t3
t0
CPVOUT (5V)
VCC (3.3V)
VOUT (2.50V)
(1V/DIV)
t1
FIGURE 3. FREQUENCY vs RT
900
800
700
600
500
400
300
200
100
0
22
26.4
33.0
39
44.5
50
64.5
80
100
130
150
180
200
RT (k
Ω)
R4
R1
() 0.8V
()
VOUT1 0.8V
()
-------------------------------------------
=
ISL6406, ISL6426


Similar Part No. - ISL6406IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6406IVZ INTERSIL-ISL6406IVZ Datasheet
388Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406IVZ RENESAS-ISL6406IVZ Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
More results

Similar Description - ISL6406IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com