Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6535 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6535
Description  Synchronous Buck Pulse-Width Modulator PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6535 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6535 Datasheet HTML 1Page - Intersil Corporation ISL6535 Datasheet HTML 2Page - Intersil Corporation ISL6535 Datasheet HTML 3Page - Intersil Corporation ISL6535 Datasheet HTML 4Page - Intersil Corporation ISL6535 Datasheet HTML 5Page - Intersil Corporation ISL6535 Datasheet HTML 6Page - Intersil Corporation ISL6535 Datasheet HTML 7Page - Intersil Corporation ISL6535 Datasheet HTML 8Page - Intersil Corporation ISL6535 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN9255.0
January 17, 2006
Functional Pin Description (SOIC/QFN)
RT (Pin 1/14)
This pin provides oscillator switching frequency adjustment.
By placing a resistor (RRT) from this pin to GND, the
switching frequency is set from between 200kHz and
1.5MHz according to the following equation: .
Alternately ISL6535’s switching frequency can be lowered
from 200kHz to 50kHz by connecting the RT pin with a
resistor to VCC according to the following equation:
REFERENCE
Reference Voltage
TJ = 0°C to 70°C
0.591
0.597
0.603
V
TJ = -40°C to 85°C
0.588
0.597
0.606
V
System Accuracy
TJ = 0°C to 70°C
-1.0
-
1.0
%
TJ = -40°C to 85°C
-1.5
-
1.5
%
REFIN Current Source (QFN Only)
-4
-6
-8
µA
REFIN Threshold (QFN Only)
2.10
-
3.50
V
REFIN Offset (QFN Only)
-3
-
3
mV
GATE DRIVERS
Upper Drive Source Current
IU_SOURCE VBOOT - VPHASE = 12V, 3nF Load - GBD
-
1.25
-
A
Upper Drive Source Impedance
RU_SOURCE 90mA Source Current
-
2.0
-
Upper Drive Sink Current
IU_SINK
VBOOT - VPHASE = 12V, 3nF Load- GBD
-
2
-
A
Upper Drive Sink Impedance
RU_SINK
90mA Source Current
-
1.3
-
Lower Drive Source Current
IL_SOURCE VPVCC = 12V, 3nF Load - GBD
-
2
-
A
Lower Drive Source Impedance
RL_SOURCE 90mA Source Current
-
1.3
-
Lower Drive Sink Current
IL_SINK
VPVCC = 12V, 3nF Load - GBD
-
3
-
A
Lower Drive Sink Impedance
RL_SINK
90mA Source Current
-
0.94
-
SSDONE (QFN ONLY)
SSDONE Low Output Voltage
ISSDONE = 2mA
0.30
V
Electrical Specifications
Recommended Operating Conditions, unless otherwise noted specifications in bold are valid for process,
temperature, and line operating conditions. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 1. RRT RESISTANCE vs FREQUENCY
FIGURE 2. BIAS SUPPLY CURRENT vs FREQUENCY
10
100
1000
SWITCHING FREQUENCY (kHz)
10
100
1000
RRT PULLUP
TO +12V
RRT PULLDOWN
TO GND
100
200
300
400
500
600
700
800
900
1000
80
70
60
50
40
30
20
10
0
SWITCHING FREQUENCY (kHz)
CGATE = 1000pF
CGATE = 3300pF
CGATE = 10pF
R
RT kΩ
[]
6500
F
s kHz
[] 200 kHz
[]
------------------------------------------------------- 1.3k
(RRT to GND)
R
RT kΩ
[]
55000
200 kHz
[] F
s kHz
[]
------------------------------------------------------- 70k
+
(RRT to VCC)
ISL6535


Similar Part No. - ISL6535

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
ISL6535CBZ RENESAS-ISL6535CBZ Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
ISL6535CRZ RENESAS-ISL6535CRZ Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
ISL6535IBZ RENESAS-ISL6535IBZ Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
ISL6535IRZ RENESAS-ISL6535IRZ Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6535

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com