Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97519IUZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97519IUZ-T
Description  1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97519IUZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97519IUZ-T Datasheet HTML 1Page - Intersil Corporation ISL97519IUZ-T Datasheet HTML 2Page - Intersil Corporation ISL97519IUZ-T Datasheet HTML 3Page - Intersil Corporation ISL97519IUZ-T Datasheet HTML 4Page - Intersil Corporation ISL97519IUZ-T Datasheet HTML 5Page - Intersil Corporation ISL97519IUZ-T Datasheet HTML 6Page - Intersil Corporation ISL97519IUZ-T Datasheet HTML 7Page - Intersil Corporation ISL97519IUZ-T Datasheet HTML 8Page - Intersil Corporation ISL97519IUZ-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN6454.1
ISL97519
1% Output Accuracy 600kHz/1.2MHz PWM
Step-Up Regulator
The ISL97519 is a high frequency, high efficiency step-up
voltage regulator operated at constant frequency PWM
mode. With an internal 2.0A, 200m
Ω MOSFET, it can deliver
up to 1A output current at over 90% efficiency. The
selectable 600kHz and 1.2MHz allows smaller inductors and
faster transient response. An external compensation pin
gives the user greater flexibility in setting frequency
compensation allowing the use of low ESR ceramic output
capacitors.
When shut down, it draws <1µA of current and can operate
down to 2.3V input supply. These features along with
1.2MHz switching frequency makes it an ideal device for
portable equipment and TFT-LCD displays.
The ISL97519 is available in an 8 Ld MSOP package with a
maximum height of 1.1mm. The device is specified for
operation over the full -40°C to +85°C temperature range.
Pinout
ISL97519
(8 LD MSOP)
TOP VIEW
Features
• 1% Output Accuracy
• >90% Efficiency
• 2.0A, 200m
Ω Power MOSFET
• 2.3V to 5.5V Input
• Up to 25V Output
• 600kHz/1.2MHz Switching Frequency Selection
• Adjustable Soft-Start
• Internal Thermal Protection
• 1.1mm Max Height 8 Ld MSOP Package
• Pb-free Plus Anneal Available (RoHS compliant)
Applications
• TFT-LCD displays
• DSL modems
• PCMCIA cards
• Digital cameras
• GSM/CDMA phones
• Portable equipment
• Handheld devices
FB
FSEL
EN
VDD
GND
LX
COMP
SS
1
2
3
4
8
7
6
5
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL97519IUZ
7519Z
8 Ld MSOP
MDP0043
ISL97519IUZ-T*
7519Z
8 Ld MSOP
MDP0043
ISL97519IUZ-TK*
7519Z
8 Ld MSOP
MDP0043
*Please refer to TB347 for details on reel specifications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
November 2, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL97519IUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97519IUZ-T RENESAS-ISL97519IUZ-T Datasheet
633Kb / 9P
   1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
ISL97519IUZ-TK RENESAS-ISL97519IUZ-TK Datasheet
633Kb / 9P
   1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - ISL97519IUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97519 RENESAS-ISL97519 Datasheet
633Kb / 9P
   1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com