Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97651ARTZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL97651ARTZ-T
Description  4-Channel Integrated LCD Supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97651ARTZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL97651ARTZ-T Datasheet HTML 7Page - Intersil Corporation ISL97651ARTZ-T Datasheet HTML 8Page - Intersil Corporation ISL97651ARTZ-T Datasheet HTML 9Page - Intersil Corporation ISL97651ARTZ-T Datasheet HTML 10Page - Intersil Corporation ISL97651ARTZ-T Datasheet HTML 11Page - Intersil Corporation ISL97651ARTZ-T Datasheet HTML 12Page - Intersil Corporation ISL97651ARTZ-T Datasheet HTML 13Page - Intersil Corporation ISL97651ARTZ-T Datasheet HTML 14Page - Intersil Corporation ISL97651ARTZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN7493.2
March 15, 2007
Applications Information
The ISL97651 provides a complete power solution for TFT
LCD applications. The system consists of one boost
converter to generate the AVDD voltage for column drivers,
one buck converter to provide voltage to logic circuit in the
LCD panel, one integrated VON charge pump and one VOFF
linear-regulator controller to provide the voltage to row
drivers. This part also integrates VON-slice circuit which can
help to optimize the picture quality. With the high output
current capability, this part is ideal for big screen LCD TV
and monitor panel application.
The integrated boost converter and buck converter operate
at 1.2MHz which can allow the use of multilayer ceramic
capacitors and low profile inductor which result in low cost,
compact and reliable system. The logic output voltage is
independently enabled to give flexibility to the system
designers.
Boost Converter
The boost converter is a current mode PWM converter
operating at a fixed frequency of 1.2MHz. It can operate in
both discontinuous conduction mode (DCM) at light load and
continuous mode (CCM). In continuous current mode,
current flows continuously in the inductor during the entire
switching cycle in steady state operation. The voltage
conversion ratio in continuous current mode is given by
Equation 1:
Where D is the duty cycle of the switching MOSFET
Figure 11 shows the functional block diagram of the boost
regulator. It uses a summing amplifier architecture consisting
of gm stages for voltage feedback, current feedback and
slope compensation. A comparator looks at the peak
inductor current cycle by cycle and terminates the PWM
cycle if the current limit is reached.
An external resistor divider is required to divide the output
voltage down to the nominal reference voltage. Current
drawn by the resistor network should be limited to maintain
the overall converter efficiency. The maximum value of the
resistor network is limited by the feedback input bias current
and the potential for noise being coupled into the feedback
pin. A resistor network in the order of 60k
Ω is recommended.
The boost converter output voltage is determined by
Equation 2:
The current through the MOSFET is limited to a minimum of
4.4APEAK (maximum values can be up to 6.3APEAK.
This restricts the maximum output current (average) based
on Equation 3:
Where
ΔIL is peak to peak inductor ripple current, and is set
by Equation 4:
where fS is the switching frequency (1.2MHz).
Table 1 gives typical values (margins are considered 10%,
3%, 20%, 10% and 15% on VIN, VO, L, fS and IOMAX:
Boost Converter Input Capacitor
An input capacitor is used to suppress the voltage ripple
injected into the boost converter. A ceramic capacitor with
capacitance larger than 10µF is recommended. The voltage
rating of input capacitor should be larger than the maximum
input voltage. Examples of recommended capacitors are
given in Table 2 below.
Boost Inductor
The boost inductor is a critical component which influences
the output voltage ripple, transient response, and efficiency.
Values of 3.3µH to 10µH are to match the internal slope
compensation. The inductor must be able to handle without
saturating the following average and peak current:
V
BOOST
V
IN
------------------------
1
1D
-------------
=
(EQ. 1)
V
BOOST
R
3
R
5
+
()
R
5
--------------------------
V
REF
×
=
(EQ. 2)
TABLE 1. MAXIMUM OUTPUT CURRENT CALCULATION
VIN (V)
VO (V)
L (µH)
FS (MHz)
IOMAX
(mA)
4
9
6.8
1.2
1661
4
12
6.8
1.2
1173
4
15
6.8
1.2
879
5
9
6.8
1.2
2077
5
12
6.8
1.2
1466
5
15
6.8
1.2
1099
TABLE 2. BOOST CONVERTER INPUT CAPACITOR
RECOMMENDATION
CAPACITOR
SIZE
VENDOR
PART NUMBER
10µF/16V
1206
TDK
C3216X7R1C106M
10µF/10V
0805
Murata
GRM21BR61A106K
22µF/10V
1210
Murata
GRB32ER61A226K
I
OMAX
I
LMT
ΔI
L
2
--------
⎝⎠
⎛⎞ VIN
V
O
---------
×
=
(EQ. 3)
ΔI
L
V
IN
L
---------
D
f
S
-----
×
=
(EQ. 4)
I
LAVG
I
O
1D
-------------
=
I
LPK
I
LAVG
ΔI
L
2
--------
+
=
(EQ. 5)
ISL97651


Similar Part No. - ISL97651ARTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97651ARTZ-T RENESAS-ISL97651ARTZ-T Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651ARTZ-TK RENESAS-ISL97651ARTZ-TK Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
More results

Similar Description - ISL97651ARTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650 RENESAS-ISL97650 Datasheet
865Kb / 20P
   4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com