Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8484 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL8484
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8484 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL8484 Datasheet HTML 1Page - Intersil Corporation ISL8484 Datasheet HTML 2Page - Intersil Corporation ISL8484 Datasheet HTML 3Page - Intersil Corporation ISL8484 Datasheet HTML 4Page - Intersil Corporation ISL8484 Datasheet HTML 5Page - Intersil Corporation ISL8484 Datasheet HTML 6Page - Intersil Corporation ISL8484 Datasheet HTML 7Page - Intersil Corporation ISL8484 Datasheet HTML 8Page - Intersil Corporation ISL8484 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6128.0
February 25, 2005
Pinout (Note 1)
ISL8484 (TDFN, MSOP)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
Truth Table
LOGIC
PIN NC1 and NC2
PIN NO1 and NO2
0ON
OFF
1OFF
ON
NOTE: Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.65V to +4.5V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
V+
NO1
COM1
IN1
NC1
NO2
COM2
IN2
NC2
GND
1
2
3
4
5
10
9
8
7
6
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL8484IR
(484)
-40 to 85
10 Ld 3x3 Thin DFN L10.3x3A
ISL8484IR-T
(484)
-40 to 85
10 Ld 3x3 Thin DFN
Tape and Reel
L10.3x3A
ISL8484IU
(8484)
-40 to 85
10 Ld MSOP
M10.118
ISL8484IU-T
(8484)
-40 to 85
10 Ld MSOP
Tape and Reel
M10.118
ISL8484IRZ
(484Z)
(See Note)
-40 to 85
10 Ld 3x3 Thin DFN
(Pb-free)
L10.3x3A
ISL8484IRZ-T
(484Z)
(See Note)
-40 to 85
10 Ld 3x3 Thin DFN
Tape and Reel
(Pb-free)
L10.3x3A
ISL8484IUZ
(8484Z)
(See Note)
-40 to 85
10 Ld MSOP
(Pb-free)
M10.118
ISL8484IUZ-T
(8484Z)
(See Note)
-40 to 85
10 Ld MSOP
Tape and Reel
(Pb-free)
M10.118
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL8484


Similar Part No. - ISL8484

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8484 INTERSIL-ISL8484 Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484 Datasheet
330Kb / 15P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL8484 RENESAS-ISL8484 Datasheet
665Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8484 INTERSIL-ISL8484 Datasheet
320Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
More results

Similar Description - ISL8484

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54050 RENESAS-ISL54050 Datasheet
589Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8484 INTERSIL-ISL8484_06 Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050IRUZ-T INTERSIL-ISL54050IRUZ-T Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Dual SPDT Analog Switch
November 22, 2008
ISL8484 INTERSIL-ISL8484_07 Datasheet
330Kb / 15P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050_0706 INTERSIL-ISL54050_0706 Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IR INTERSIL-ISL8484IR Datasheet
320Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
ISL54050 INTERSIL-ISL54050 Datasheet
292Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL8484 RENESAS-ISL8484 Datasheet
665Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com