Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-QC6OX-IVY Datasheet(PDF) 3 Page - Vicor Corporation

Part # MI-QC6OX-IVY
Description  Military DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MI-QC6OX-IVY Datasheet(HTML) 3 Page - Vicor Corporation

  MI-QC6OX-IVY Datasheet HTML 1Page - Vicor Corporation MI-QC6OX-IVY Datasheet HTML 2Page - Vicor Corporation MI-QC6OX-IVY Datasheet HTML 3Page - Vicor Corporation MI-QC6OX-IVY Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Long Term Safe Operating Area Curves*
Disable Circuit
Thermal Considerations
20 mA Max.
Disable
DIS+
DIS–
+
V
TIME (SECONDS)
1s
0
10
100ms
-1
10
10ms
-2
10
1ms
-3
10
100
µs
-4
10
10
µs
-5
10
1
µs
-6
10
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
Ratings Exceeded
Reverse Polarity
Protection
50V
OVP
TIME (SECONDS)
1s
0
10
100ms
-1
10
10ms
-2
10
1ms
-3
10
100
µs
-4
10
10
µs
-5
10
1
µs
-6
10
600
400
200
0
200
400
600
800
Ratings Exceeded
Reverse Polarity
Protection
500V
OVP
400V
28Vdc Input
270Vdc Input
* 1% duty cycle max., for short duration transient capability refer to specifications
• Thermal impedance, chassis-to-air, is provided for 1-up, 2-up and 3-up MI-ComPAC
package configurations as a function of air flow.
• Case temperature = (total power dissipated x thermal impedance) + ambient temperature.
• Watts dissipated per output = (output power ÷ efficiency) – output power.
(1) To order optional heat sink add –H1 to part number
Thermal Impedance — Case-to-Air (°C/W)
Standard Units
With Optional Heat Sink (1)
1-up
2-up
3-up
1-up
2-up
3-up
Free Air (Horiz.)
3.6
1.7
1.4
2.1
1.3
1.0
Forced Convection Through Heat Sink Fins
50 LFM
2.7
1.4
1.3
1.5
1.1
0.9
100 LFM
2.3
1.3
1.1
1.2
0.9
0.7
250 LFM
1.6
1.0
0.8
0.7
0.5
0.4
500 LFM
1.2
0.7
0.6
0.4
0.3
0.3
750 LFM
0.9
0.5
0.5
0.3
0.2
0.2
1000 LFM
0.8
0.4
0.4
0.2
0.2
0.2
Disable Current
• 4mA DC minimum for 1-up ComPAC
• 8mA DC minimum for 2-up ComPAC
• 12mA DC minimum for 3-up ComPAC
The MI-ComPAC incorporates an optically isolated master disable input which will shut down the
MI-ComPAC when a current is driven through the disable terminals.
MI-ComPAC 11/02
3 of 4


Similar Part No. - MI-QC6OX-IVY

ManufacturerPart #DatasheetDescription
logo
Powerbox
MI-QC6O-IA POWERBOX-MI-QC6O-IA Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
MI-QC6O-IP POWERBOX-MI-QC6O-IP Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
MI-QC6O-IS POWERBOX-MI-QC6O-IS Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
MI-QC6O-IX POWERBOX-MI-QC6O-IX Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
MI-QC6O-IY POWERBOX-MI-QC6O-IY Datasheet
1Mb / 2P
   50-300 WATTS MILITARY READY TO USE COMPONENET
More results

Similar Description - MI-QC6OX-IVY

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com