Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6269BIRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6269BIRZ
Description  High-Performance Notebook PWM Controller with Audio-Frequency Clamp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6269BIRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6269BIRZ Datasheet HTML 1Page - Intersil Corporation ISL6269BIRZ Datasheet HTML 2Page - Intersil Corporation ISL6269BIRZ Datasheet HTML 3Page - Intersil Corporation ISL6269BIRZ Datasheet HTML 4Page - Intersil Corporation ISL6269BIRZ Datasheet HTML 5Page - Intersil Corporation ISL6269BIRZ Datasheet HTML 6Page - Intersil Corporation ISL6269BIRZ Datasheet HTML 7Page - Intersil Corporation ISL6269BIRZ Datasheet HTML 8Page - Intersil Corporation ISL6269BIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6280.1
August 7, 2006
Absolute Voltage Ratings
ISEN, VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
VCC, PGOOD to GND . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7.0V
PVCC to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7.0V
GND to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
EN, FCCM . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to GND, VCC +3.3V
VO, FB, COMP, FSET . . . . . . . . . . . . . . . -0.3V to GND, VCC +0.3V
PHASE to GND (DC) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
(<100ns Pulse Width, 10
µJ) . . . . . . . . . . . . . . . . . . . . . . . . . -5.0V
BOOT to GND, or PGND . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
BOOT to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7V
UG (DC) . . . . . . . . . . . . . . . . . . . . . . .-0.3V to PHASE, BOOT +0.3V
(<200ns Pulse Width, 20
µJ) . . . . . . . . . . . . . . . . . . . . . . . . -4.0V
LG (DC) . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to PGND, PVCC +0.3V
(<100ns Pulse Width, 4
µJ) . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V
Thermal Information
Thermal Resistance (Typical, Notes 1, 2)
θJA (°C/W) θJC (°C/W)
QFN Package. . . . . . . . . . . . . . . . . . . .
48
11.5
Junction Temperature Range. . . . . . . . . . . . . . . . . . -55
°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . . -10
°C to +100°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65
°C to +150°C
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300
°C
Recommended Operating Conditions
Ambient Temperature Range. . . . . . . . . . . . . . . . . . . -10°C to 100°C
Supply Voltage (VIN to GND) . . . . . . . . . . . . . . . . . . . . . . 7V to 25V
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±5%
PVCC to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±5%
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
These specifications apply for TA = -10°C to +100°C, unless otherwise stated.
All typical specifications TA = +25°C, VCC = 5V, PVCC = 5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
VIN Input Bias Current
IVIN
EN = 5V, VIN = 7V
-
6.5
10
µA
EN = 5V, VIN = 25V
-
26
35
µA
VIN Shutdown Current
IVIN_SHDN EN = GND, VIN = 25V
-
0.1
1.0
µA
VCC and PVCC
VCC Input Bias Current
IVCC
EN = 5V, FCCM = GND, FB = 0.65V, VIN = 7V to 25V
-
1.7
2.5
mA
VCC Shutdown Current
IVCC_SHDN EN = GND, VCC = 5V
-
0.1
1.0
µA
PVCC Shutdown Current
IPVCC_SHDN EN = GND, PVCC = 5V
-
0.1
1.0
µA
VCC POR THRESHOLD
Rising VCC POR Threshold Voltage
VVCC_THR
4.35
4.45
4.55
V
Falling VCC POR Threshold Voltage
V
VCC_THF
4.10
4.20
4.30
V
REGULATION
Reference Voltage
VREF
-
0.6
-
V
Regulation Accuracy
FB connected to COMP
-1
-
+1
%
PWM
Frequency Range
FSW
FCCM = 5V
200
-
600
kHz
FAUDIO
FCCM = GND
19
28
-
kHz
Frequency-Set Accuracy
FSW = 300kHz
-12
-
+12
%
VO Range
VVO
0.60
-
3.30
V
VO Input Leakage
IVO
VO = 0.60V
-
1.3
-
µA
VO = 3.30V
-
7.0
-
µA
ERROR AMPLIFIER
FB Input Bias Current
IFB
FB = 0.60V
-0.5
-
+0.5
µA
COMP Source Current
ICOMP_SRC FB = 0.40V, COMP = 3.20V
-
2.5
-
mA
COMP Sink Current
ICOMP_SNK FB = 0.80V, COMP = 0.30V
-
0.3
-
mA
COMP High Clamp Voltage
VCOMP_HC FB = 0.40V, Sink 50µA
3.10
3.40
3.65
V
ISL6269B


Similar Part No. - ISL6269BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6269BIRZ INTERSIL-ISL6269BIRZ Datasheet
473Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
November 17, 2014
logo
Renesas Technology Corp
ISL6269BIRZ RENESAS-ISL6269BIRZ Datasheet
749Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
More results

Similar Description - ISL6269BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6269B RENESAS-ISL6269B Datasheet
749Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
logo
Intersil Corporation
ISL6269 INTERSIL-ISL6269 Datasheet
278Kb / 14P
   High-Performance Notebook PWM Controller with Audio-Frequency Clamp
ISL6269BCRZ INTERSIL-ISL6269BCRZ Datasheet
473Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
November 17, 2014
logo
Renesas Technology Corp
ISL6269 RENESAS-ISL6269 Datasheet
657Kb / 14P
   High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
logo
Intersil Corporation
ISL6269 INTERSIL-ISL6269_06 Datasheet
316Kb / 17P
   High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
ISL6268 INTERSIL-ISL6268 Datasheet
364Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com