Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32526R1157 Datasheet(PDF) 2 Page - EPCOS

Part # B32526R1157
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32526R1157 Datasheet(HTML) 2 Page - EPCOS

  B32526R1157 Datasheet HTML 1Page - EPCOS B32526R1157 Datasheet HTML 2Page - EPCOS B32526R1157 Datasheet HTML 3Page - EPCOS B32526R1157 Datasheet HTML 4Page - EPCOS B32526R1157 Datasheet HTML 5Page - EPCOS B32526R1157 Datasheet HTML 6Page - EPCOS B32526R1157 Datasheet HTML 7Page - EPCOS B32526R1157 Datasheet HTML 8Page - EPCOS B32526R1157 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Typical applications
Blocking
Coupling, decoupling
Bypassing
RFI for automotive
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/125/56
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Stacked-film technology for lead spacing
5 to 15 mm
= code C, D or E in digit 7 of ordering code
Wound capacitor technology for lead
spacing 10 to 27.5 mm
= code N, Q or R in digit 7 of ordering code
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
High pulse strength
High contact reliability
Terminals
Parallel wire leads, lead-free tinned
Special lead lengths available on request
Marking
Manufacturer's logo,
rated capacitance (coded), cap. tolerance (code letter),
rated DC voltage, date of manufacture (coded),
coded type ("1") for lead spacing 5 mm,
series and lot number for lead spacing
≥10 mm
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter "Taping and packing".
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
1) 0.5 mm for capacitor width w = 4 mm
5.0
0.5
B32529
7.5
0.5
B32520
10.0
0.61)
B32521
15.0
0.8
B32522
22.5
0.8
B32523
27.5
0.8
B32524
37.5
1.0
B32526
Metallized polyester film capacitors (MKT)
B32520 ... B32529
General purpose (stacked/wound)
Page 2 of 46
Please read Important notes
at the end of this document.


Similar Part No. - B32526R1157

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32526R1157 EPCOS-B32526R1157 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32526R1157 EPCOS-B32526R1157 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32526R1157

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com