Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA2-5160-5 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA2-5160-5
Description  100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-5160-5 Datasheet(HTML) 7 Page - Intersil Corporation

  HA2-5160-5 Datasheet HTML 1Page - Intersil Corporation HA2-5160-5 Datasheet HTML 2Page - Intersil Corporation HA2-5160-5 Datasheet HTML 3Page - Intersil Corporation HA2-5160-5 Datasheet HTML 4Page - Intersil Corporation HA2-5160-5 Datasheet HTML 5Page - Intersil Corporation HA2-5160-5 Datasheet HTML 6Page - Intersil Corporation HA2-5160-5 Datasheet HTML 7Page - Intersil Corporation HA2-5160-5 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FIGURE 11. OUTPUT VOLTAGE SWING vs LOAD RESISTANCE
FIGURE 12. SETTLING TIME FOR VARIOUS OUTPUT STEP
VOLTAGES
FIGURE 13. COMMON MODE REJECTION RATIO vs
FREQUENCY
FIGURE 14. POWER SUPPLY REJECTION RATIO vs
FREQUENCY
FIGURE 15. POWER SUPPLY CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
LOAD RESISTANCE (
Ω)
200
400
600
1k
800
0
6
10
14
12
8
4
2
NEGATIVE SWING
POSITIVE SWING
SETTLING TIME (ns)
100
400
600
500
-10
0
+10
+5
300
200
0
-5
10mV
10mV
+
300pF
10
Ω
RF
FREQUENCY (Hz)
1M
110k
1k
100
80
0
60
100
20
40
100k
10
-
+
300pF
10
Ω
RF
1M
110k
1k
100
80
0
60
100
20
40
100k
10
FREQUENCY (Hz)
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
-
TEMPERATURE (°C)
80
8.8
120
7.0
8.0
160
0
-80
7.5
8.5
40
-40
VSUPPLY = ±15V
VSUPPLY = ±10V
VSUPPLY = ±7V
VSUPPLY = ±20V
HA-5160


Similar Part No. - HA2-5160-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-5160-5 INTERSIL-HA2-5160-5 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
HA2-5160-5 INTERSIL-HA2-5160-5 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
logo
Renesas Technology Corp
HA2-5160-5 RENESAS-HA2-5160-5 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
More results

Similar Description - HA2-5160-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com