Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7513IY-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL7513IY-T7
Description  White LED Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7513IY-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL7513IY-T7 Datasheet HTML 1Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 2Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 3Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 4Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 5Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 6Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 7Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 8Page - Intersil Corporation EL7513IY-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Block Diagram
REFERENCE
GENERATOR
1MHz
OSCILLATOR
THERMAL
SHUTDOWN
BOOST
I-SENSE
START-UP
CONTROL
+
+
-
+
+
PWM
SIGNAL
COUT
1µF
I(LED)
OVER-VOLTAGE
PROTECTION
ERROR AMP
CNTL
COMP
VIN
CIN
4.7µF
CCOMP
0.1µF
SGND
CS
PGND
LX
VOUT
L
33µH
2.6V TO
5.5V
5
VCNTL
PWM
LOGIC
617K
50K
Typical Performance Curves
All performance curves and waveforms are taken with C1 = 4.7µF, C2 = 1µF, C3 = 0.1µF, L = 33µF, VIN = 3.3V, VCNTL = 1V, R1 =5Ω, 4 LEDs in a
series; unless otherwise specified.
FIGURE 1. SWITCHING FREQUENCY vs VIN
FIGURE 2. QUIESCENT CURRENT
1.05
1.04
1.02
1.01
1
2.5
3.5
4.5
VIN (V)
1.03
5.5
345
3.5
2
1
0
2.5
6.5
10.5
VIN (V)
3
14.5
4.5
8.5
12.5
2.5
1.5
0.5
VCNTL=0V, 0.1V
WHITE LEDs DISCONNECTED
EL7513


Similar Part No. - EL7513IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7513IY-T7 INTERSIL-EL7513IY-T7 Datasheet
534Kb / 12P
   White LED Step-Up Regulator
logo
Renesas Technology Corp
EL7513IY-T7 RENESAS-EL7513IY-T7 Datasheet
642Kb / 12P
   White LED Step-Up Regulator
More results

Similar Description - EL7513IY-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1848 RENESAS-EL1848 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL7513 RENESAS-EL7513 Datasheet
642Kb / 12P
   White LED Step-Up Regulator
logo
Intersil Corporation
EL7513 INTERSIL-EL7513_06 Datasheet
534Kb / 12P
   White LED Step-Up Regulator
EL1848 INTERSIL-EL1848 Datasheet
482Kb / 12P
   White LED Step-Up Regulator
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
   White LED Step-Up Regulator
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com