Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55110 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL55110
Description  Dual, High Speed MOSFET Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55110 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL55110 Datasheet HTML 1Page - Intersil Corporation ISL55110 Datasheet HTML 2Page - Intersil Corporation ISL55110 Datasheet HTML 3Page - Intersil Corporation ISL55110 Datasheet HTML 4Page - Intersil Corporation ISL55110 Datasheet HTML 5Page - Intersil Corporation ISL55110 Datasheet HTML 6Page - Intersil Corporation ISL55110 Datasheet HTML 7Page - Intersil Corporation ISL55110 Datasheet HTML 8Page - Intersil Corporation ISL55110 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6228.1
March 21, 2007
DRIVER CHARACTERISTICS
RDS
Driver Output Resistance
OA, OB
3
6
Ω
IDC
Driver Output DC current (>2s)
100
mA
IAC
Peak Output Current
Design Intent verified via
simulation.
3.5
A
VOH to VOL
Driver Output Swing Range
VH voltage to Ground
3
13.2
V
SUPPLY CURRENTS
IDD
Logic Supply Quiescent Current
PDN = Low
4.0
6.0
mA
IDD-PDN
Logic Supply Power Down Current
PDN = High
12
μA
IH
Driver Supply Quiescent Current
PDN = Low, No resistive load
DOUT
15
μA
IH_PDN
Driver Supply Power Down Current
PDN = High
1
μA
DC Electrical Specifications
(Continued)VH = +12V, VDD = 2.7V to 5.5V, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
AC Electrical Specifications
VH = +12V, VDD = +3.6, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS
tR,tF
Driver Rise/Fall Time
OA,OB: CL = No Load
10% to 90%, VOH-VOL = 12V
10% to 90%, VOH-VOL = 10V
1.0
1.0
ns
ns
tR,tF
Driver Rise/Fall Time
OA, OB CL = 1nF
10% to 90%, VOH-VOL = 12V
6.7
ns
tpdR
Input to Output Propagation Delay
Figure 2, Load 100pF/1k
12.0
ns
tpdF
Input to Output Propagation Delay
9.3
ns
tpdR
Input to Output Propagation Delay
Figure 2, Load 220pF
12.5
ns
tpdF
Input to Output Propagation Delay
10.2
ns
tpdR
Input to Output Propagation Delay
Figure 2, Load 330pF
12.9
ns
tpdF
Input to Output Propagation Delay
10.6
ns
tpdR
Input to Output Propagation Delay
Figure 2, Load 680pF
14.1
ns
tpdF
Input to Output Propagation Delay
12.1
ns
tSkewR
Channel to Channel tpdR Spread with same
loads both Channels
Figure 2, All Loads
<0.5
ns
tSkewF
Channel to Channel tpdF Spread with same
loads both channels.
Figure 2, All Loads
<0.5
ns
FMAX
Maximum Operating Frequency
70
MHz
TMIN
Minimum Pulse Width
6
ns
PDEN*
Power-down to Power-on Time
0.7
1.0
ms
PDDIS*
Power-on to Power-down Time
1.4
1.6
ms
TEN*
ENABLE to ENABLE Time (HIZ Off)
0.3
0.7
ms
TDIS*
ENABLE to ENABLE TIme (HIZ On)
1.4
1.6
ms
ISL55110, ISL55111


Similar Part No. - ISL55110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
More results

Similar Description - ISL55110

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVER
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com