Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RQ1-C5TV80 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RQ1-C5TV80
Description  ISOLATED DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RQ1-C5TV80 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RQ1-C5TV80 Datasheet HTML 1Page - Bel Fuse Inc. 0RQ1-C5TV80 Datasheet HTML 2Page - Bel Fuse Inc. 0RQ1-C5TV80 Datasheet HTML 3Page - Bel Fuse Inc. 0RQ1-C5TV80 Datasheet HTML 4Page - Bel Fuse Inc. 0RQ1-C5TV80 Datasheet HTML 5Page - Bel Fuse Inc. 0RQ1-C5TV80 Datasheet HTML 6Page - Bel Fuse Inc. 0RQ1-C5TV80 Datasheet HTML 7Page - Bel Fuse Inc. 0RQ1-C5TV80 Datasheet HTML 8Page - Bel Fuse Inc. 0RQ1-C5TV80 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
1
ISOLATED DC/DC CONVERTERS
36 - 75 Vdc Input
1.8 Vdc /60 A Output
Jan. 27, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Features
Isolated
Low Cost
Fixed Frequency (350 kHz)
Output Over-Voltage Protection
High Efficiency
Over Temperature Protection
High Power Density
SCP/OCP
Input Under-Voltage Protection
Remote On/Off
Class 1, Category 2, Isolated DC/DC Converter (refer to IPC-9592)
UL60950-1 Recognized (UL/cUL) (Pending)
Applications
Networking
Computers and peripherals
Telecommunications
Description
The 0RQ1-C5TV8x is an isolated dc/dc converter that operates from a nominal 48 Vdc source. This converter
provides up to 108 W of output power. Features include remote on/off, short circuit protection, over current
protection, over-temperature protection, output over-voltage protection, input under-voltage protection. This
converter is provided in a compact, though-hole package that is easy to use and provides good thermal
performance.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
1.8 Vdc
36 Vdc - 75 Vdc
60 A
108 W
89%
0RQ1-C5TV8A
0RQ1-C5TV8B
1.8 Vdc
36 Vdc - 75 Vdc
60 A
108 W
89%
0RQ1-C5TV80
0RQ1-C5TV8L
Notes: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Part Number Explanation
0 R Q1 – C5 T V8 x
1 2
3
4
5
6 7
1---Through hole
2---RoHS 6, change “R” to “7” means RoHS 5
3---Series name, 1/4 Brick
4---Series code
5---Input range 48V wide (36-75V)
6---Output voltage (1.8V)
7---Suffix
0RQ1-C5TV8x
RoHS Compliant
Rev.D


Similar Part No. - 0RQ1-C5TV80

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQ1-C5TV80 BEL-0RQ1-C5TV80 Datasheet
423Kb / 17P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RQ1-C5TV80

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com