Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7513IYZ-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL7513IYZ-T13
Description  White LED Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7513IYZ-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL7513IYZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7513IYZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7513IYZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7513IYZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7513IYZ-T13 Datasheet HTML 8Page - Intersil Corporation EL7513IYZ-T13 Datasheet HTML 9Page - Intersil Corporation EL7513IYZ-T13 Datasheet HTML 10Page - Intersil Corporation EL7513IYZ-T13 Datasheet HTML 11Page - Intersil Corporation EL7513IYZ-T13 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
When choosing an inductor, make sure the inductor can
handle the average and peak currents giving by following
formulas (80% efficiency assumed):
where:
∆IL is the peak-to-peak inductor current ripple in Ampere
• L inductance in µH
• FS switching frequency, typical 1MHz
A wide range of inductance (6.8µH - 68µH) can be used for
the converter to function correctly. For the same series of
inductors, the lower inductance has lower DC resistance
(DCR), which has less conducting loss. But the ripple current
is bigger, which generates more RMS current loss. Figure 11
shows the efficiency of the demo board under different
inductance for a specific series of inductor. For optimal
efficiency in an application, it is a good exercise to check
several adjacent inductance values of your preferred series
of inductors.
For the same inductance, higher overall efficiency can be
obtained by using lower DCR inductor.
The diode should be Schottky type with minimum reverse
voltage of 20V. The diode's peak current is the same as
inductor's peak current, the average current is IO, and RMS
current is:
Ensure the diode's ratings exceed these current
requirements.
White LED Connections
One leg of LEDs connected in series will ensure the
uniformity of the brightness. 18V maximum voltage enables
4 LEDs can be placed in series.
However, placing LEDs into series/parallel connection can
give higher efficiency as shown in the efficiency curves. One
of the ways to ensure the brightness uniformity is to pre-
screen the LEDs.
PCB Layout Considerations
The layout is very important for the converter to function
properly. Power Ground ( ) and Signal Ground ( ) should
be separated to ensure the high pulse current in the power
ground does not interference with the sensitive signals
connected to Signal Ground. Both grounds should only be
connected at one point right at the chip. The heavy current
paths (VIN-L-LX pin-PGND, and VIN-L-D-C2-PGND) should
be as short as possible.
The trace connected to the CS pin is most important. The
current sense resister R1 should be very close to the pin
When the trace is long, use a small filter capacitor close to
the CS pin.
The heat of the IC is mainly dissipated through the PGND
pin. Maximizing the copper area around the plane is
preferable. In addition, a solid ground plane is always helpful
for the EMI performance.
The demo board is a good example of layout based on the
principle. Please refer to the EL7513 Application Brief for the
layout.
I
LAVG
I
O
V
O
×
0.8
V
IN
×
------------------------
=
I
LPK
I
LAVG
1
2
---
∆I
L
×
+
=
∆I
L
V
IN
V
O
V
IN
()
×
LV
O
F
S
×
×
---------------------------------------------
=
EFFICIENCY vs IO
VIN=3.3V FOR
DIFFERENT L
L=Coilcraft
LPO1704 SERIES
1mm HEIGHT
85
83
81
79
77
5
1015202530
IO (mA)
L=33µH
L=22µH
L=10µH
L=15µH
FIGURE 21. EFFICIENCY OF DIFFERENT INDUCTANCE
(4 LEDs IN A SERIES)
I
DRMS
I
LAVG
I
O
×
=
EL7513


Similar Part No. - EL7513IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7513IYZ-T13 INTERSIL-EL7513IYZ-T13 Datasheet
534Kb / 12P
   White LED Step-Up Regulator
logo
Renesas Technology Corp
EL7513IYZ-T13 RENESAS-EL7513IYZ-T13 Datasheet
642Kb / 12P
   White LED Step-Up Regulator
More results

Similar Description - EL7513IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1848 RENESAS-EL1848 Datasheet
693Kb / 12P
   White LED Step-Up Regulator
EL7513 RENESAS-EL7513 Datasheet
642Kb / 12P
   White LED Step-Up Regulator
logo
Intersil Corporation
EL7513 INTERSIL-EL7513_06 Datasheet
534Kb / 12P
   White LED Step-Up Regulator
EL1848 INTERSIL-EL1848 Datasheet
482Kb / 12P
   White LED Step-Up Regulator
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
   White LED Step-Up Regulator
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com