Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA3-2525-5Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA3-2525-5Z
Description  20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA3-2525-5Z Datasheet(HTML) 5 Page - Intersil Corporation

  HA3-2525-5Z Datasheet HTML 1Page - Intersil Corporation HA3-2525-5Z Datasheet HTML 2Page - Intersil Corporation HA3-2525-5Z Datasheet HTML 3Page - Intersil Corporation HA3-2525-5Z Datasheet HTML 4Page - Intersil Corporation HA3-2525-5Z Datasheet HTML 5Page - Intersil Corporation HA3-2525-5Z Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Die Characteristics
DIE DIMENSIONS:
67 x 57 x 19 mils
± 1 mils
1700 x 1440 x 483
µm ± 25.4µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å ± 2kÅ
GLASSIVATION:
Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos.)
Silox Thickness: 12kÅ
± 2kÅ
Nitride Thickness: 3.5kÅ
± 1.5kÅ
WORST CASE CURRENT DENSITY:
0.26 x 105 A/cm2
SUBSTRATE POTENTIAL (Powered Up):
Unbiased
TRANSISTOR COUNT:
HA-2520/883: 40
PROCESS:
Bipolar Dielectric Isolation
Metallization Mask Layout
COMP
V+
OUT
BAL
BAL
-IN
+IN
V-
HA-2520/883


Similar Part No. - HA3-2525-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA3-2525-5Z INTERSIL-HA3-2525-5Z Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
logo
Renesas Technology Corp
HA3-2525-5Z RENESAS-HA3-2525-5Z Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
More results

Similar Description - HA3-2525-5Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
HA-2529 INTERSIL-HA-2529 Datasheet
401Kb / 8P
   20MHz, High Input Impedance, High Slew Rate Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-2620 INTERSIL-HA-2620 Datasheet
120Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com