Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5227 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5227
Description  2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5227 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5227 Datasheet HTML 4Page - Intersil Corporation EL5227 Datasheet HTML 5Page - Intersil Corporation EL5227 Datasheet HTML 6Page - Intersil Corporation EL5227 Datasheet HTML 7Page - Intersil Corporation EL5227 Datasheet HTML 8Page - Intersil Corporation EL5227 Datasheet HTML 9Page - Intersil Corporation EL5227 Datasheet HTML 10Page - Intersil Corporation EL5227 Datasheet HTML 11Page - Intersil Corporation EL5227 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN7111.4
May 4, 2007
Typical Performance Curves
FIGURE 1. FREQEUNCY RESPONSE FOR VARIOUS RL
FIGURE 2. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 3. OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 4. MAXIMUM OUTPUT SWING vs FREQUENCY
FIGURE 5. INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
FREQUENCY
FIGURE 6. TOTAL HARMONIC DISTORTION + NOISE vs
FREQUENCY
20
10
0
-10
-20
-30
1K
10K
100K
1M
10M
FREQUENCY (Hz)
1k
Ω
10k
Ω
562
Ω
150
Ω
CL=10pF
VS=±5V
20
10
0
-10
-20
-30
1K
10K
100K
1M
10M
FREQUENCY (Hz)
47pF
12pF
1nF
100pF
RL=10kΩ
VS=±5V
2000
1600
1200
800
400
0
1K
10K
100K
1M
FREQUENCY (Hz)
TA=25°C
VS=±5V
12
10
8
6
4
0
10K
100K
1M
10M
FREQUENCY (Hz)
2
VS=±5V
RL=10kΩ
CL=12pF
TA=25°C
300
100
10
1K
10K
100K
10M
100M
FREQUENCY (Hz)
1M
0.12
0.1
0.08
0.06
0.04
0.02
0
1K
10K
100K
FREQUENCY (Hz)
EL5127, EL5227, EL5327, EL5427


Similar Part No. - EL5227

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5227 INTERSIL-EL5227 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5227 RENESAS-EL5227 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Elantec Semiconductor
EL5227CL ELANTEC-EL5227CL Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5227CL INTERSIL-EL5227CL Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5227CL RENESAS-EL5227CL Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
More results

Similar Description - EL5227

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
logo
Elantec Semiconductor
EL5127C ELANTEC-EL5127C Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Renesas Technology Corp
EL5027 RENESAS-EL5027 Datasheet
524Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com