Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8701 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL8701
Description  Adjustable Quad Sequencer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8701 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL8701 Datasheet HTML 1Page - Intersil Corporation ISL8701 Datasheet HTML 2Page - Intersil Corporation ISL8701 Datasheet HTML 3Page - Intersil Corporation ISL8701 Datasheet HTML 4Page - Intersil Corporation ISL8701 Datasheet HTML 5Page - Intersil Corporation ISL8701 Datasheet HTML 6Page - Intersil Corporation ISL8701 Datasheet HTML 7Page - Intersil Corporation ISL8701 Datasheet HTML 8Page - Intersil Corporation ISL8701 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN9250.2
March 21, 2008
BIAS
IC Supply Current
IVIN_2.2V
VIN = 2.2V
-
191
-
µA
IVIN_12V
VIN = 12V
-
246
400
µA
IVIN_24V
VIN = 24V
-
286
-
µA
VIN Power On Reset
VIN_POR
VIN low to high
-
2.08
2.5
V
Pin Descriptions
PIN NUMBER
PIN NAME
FUNCTION DESCRIPTION
ISL8700 ISL8701
ISL8702
NA
1
NA
ENABLE#_D
Active low open drain sequenced output. Sequenced on after ENABLE#_C and first output to
sequence off for the ISL8701. Tracks VIN upon bias.
1
NA
1
ENABLE_D
Active high open drain sequenced output. Sequenced on after ENABLE_C and first output to
sequence off for the ISL8700, ISL8702. Pulls low with VIN < 1V.
NA
2
NA
ENABLE#_C
Active low open drain sequenced output. Sequenced on after ENABLE#_B and sequenced off after
ENABLE#_D for the ISL8701. Tracks VIN upon bias.
2
NA
2
ENABLE_C
Active high open drain sequenced output. Sequenced on after ENABLE_B and sequenced off after
ENABLE_D for the ISL8700, ISL8702. Pulls low with VIN < 1V.
NA
3
NA
ENABLE#_B
Active low open drain sequenced output. Sequenced on after ENABLE#_A and sequenced off after
ENABLE#_C for the ISL8701. Tracks VIN upon bias.
3
NA
3
ENABLE_B
Active high open drain sequenced output. Sequenced on after ENABLE_A and sequenced off after
ENABLE_C for the ISL8700, ISL8702. Pulls low with VIN < 1V.
NA
4
NA
ENABLE#_A
Active low open drain sequenced output. Sequenced on after CTIME period and sequenced off after
ENABLE#_B for the ISL8701. Tracks VIN upon bias.
4
NA
4
ENABLE_A
Active high open drain sequenced output. Sequenced on after CTIME period and sequenced off after
ENABLE_B for the ISL8700, ISL8702. Pulls low with VIN < 1V.
5
5
5
OV
The voltage on this pin must be under its 1.22V Vth or the four ENABLE outputs will be immediately
pulled down. Conversely the 4 ENABLE# outputs will be released to be pulled high via external pull
ups.
6
6
6
UV
The voltage on this pin must be over its 1.22V Vth or the four ENABLE outputs will be immediately
pulled down. Conversely the 4 ENABLE# outputs will be released to be pulled high via external pull
ups.
7
7
7
GND
IC ground.
NA
NA
8
FAULT
The VIN voltage when not within the desired UV to OV window will cause FAULT to be released to be
pulled high to a voltage equal to or less than VIN via an external resistor.
NA
NA
9
SEQ_EN
This pin provides a sequence on signal input with a high input. Internally pulled high to VIN.
NA
NA
NA
SEQ_EN#
This pin provides a sequence on signal input with a low input. Internally pulled high to VIN.
10
10
10
TIME
This pin provides a 2.6µA current output so that an adjustable VIN valid to sequencing on and off start
delay period is created with a capacitor to ground.
11
11
11
TB
A resistor connected from this pin to ground determines the time delay from ENABLE_A being active
to ENABLE _B being active on turn-on and also going inactive on turn-off via the SEQ_IN input.
12
12
12
TC
A resistor connected from this pin to ground determines the time delay from ENABLE_B being active
to ENABLE _C being active on turn-on and also going inactive on turn-off via the SEQ_IN input.
13
13
13
TD
A resistor connected from this pin to ground determines the time delay from ENABLE_C being active
to ENABLE _D being active on turn-on and also going inactive on turn-off via the SEQ_IN input.
14
14
14
VIN
IC Bias Pin Nominally 2.5V to 24V (2.5V to 12V for ISL8702). This pin requires a 1µF decoupling
capacitor close to IC pin.
Electrical Specifications
Nominal VIN = 2.5V to +24V, TA = TJ = -40°C to +85°C, Unless Otherwise Specified.
ISL8702 VIN = 2.5V to +12V (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISL8700, ISL8701, ISL8702


Similar Part No. - ISL8701

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8701 RENESAS-ISL8701 Datasheet
656Kb / 13P
   Adjustable Quad Sequencer
ISL8701A RENESAS-ISL8701A Datasheet
607Kb / 12P
   Adjustable Delay to Subsequent Enable Signal
logo
Intersil Corporation
ISL8701AIBZ INTERSIL-ISL8701AIBZ Datasheet
289Kb / 12P
   Adjustable Quad Sequencer
logo
Renesas Technology Corp
ISL8701AIBZ RENESAS-ISL8701AIBZ Datasheet
607Kb / 12P
   Adjustable Delay to Subsequent Enable Signal
logo
Intersil Corporation
ISL8701AIBZ INTERSIL-ISL8701AIBZ Datasheet
287Kb / 12P
   Adjustable Quad Sequencer
October 12, 2006
More results

Similar Description - ISL8701

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8702IBZ-T INTERSIL-ISL8702IBZ-T Datasheet
295Kb / 13P
   Adjustable Quad Sequencer
ISL8700AIBZ INTERSIL-ISL8700AIBZ Datasheet
289Kb / 12P
   Adjustable Quad Sequencer
logo
Altera Corporation
ES1022SI ALTERA-ES1022SI Datasheet
1,000Kb / 14P
   Adjustable Quad Sequencer
logo
Renesas Technology Corp
ISL8700 RENESAS-ISL8700 Datasheet
656Kb / 13P
   Adjustable Quad Sequencer
logo
Intersil Corporation
ISL8700A INTERSIL-ISL8700A Datasheet
287Kb / 12P
   Adjustable Quad Sequencer
October 12, 2006
logo
Linear Technology
LTC2924 LINER-LTC2924_15 Datasheet
365Kb / 22P
   Quad Power Supply Sequencer
LTC2924 LINER-LTC2924 Datasheet
531Kb / 20P
   Quad Power Supply Sequencer
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com