Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6595DRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6595DRZ
Description  Digital Multiphase Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6595DRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6595DRZ Datasheet HTML 4Page - Intersil Corporation ISL6595DRZ Datasheet HTML 5Page - Intersil Corporation ISL6595DRZ Datasheet HTML 6Page - Intersil Corporation ISL6595DRZ Datasheet HTML 7Page - Intersil Corporation ISL6595DRZ Datasheet HTML 8Page - Intersil Corporation ISL6595DRZ Datasheet HTML 9Page - Intersil Corporation ISL6595DRZ Datasheet HTML 10Page - Intersil Corporation ISL6595DRZ Datasheet HTML 11Page - Intersil Corporation ISL6595DRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
FN9192.2
December 4, 2008
Pin Description
PIN #
NAME
I/O
TYPE
DESCRIPTION
1
VID7
I
1.2V CMOS
Bit 7 of processor voltage identification word (MSB of 8-bit VID word).
2
VID6
I
1.2V CMOS
Bit 6 of processor voltage identification word.
3
VID5
I
1.2V CMOS
Bit 5 of processor voltage identification word.
4
VID4
I
1.2V CMOS
Bit 4 of processor voltage identification word.
5
VID3
I
1.2V CMOS
Bit 3 of processor voltage identification word.
6
VID2
I
1.2V CMOS
Bit 2 of processor voltage identification word.
7
VID1
I
1.2V CMOS
Bit 1 of processor voltage identification word.
8
VID0
I
1.2V CMOS
Bit 0 of processor voltage identification word (LSB of 8-bit VID word).
9
VID_SEL
I
1.2V CMOS
VID table selection input.
“1”
VR11 VID table selected
“0”
VR10 VID table selected
10
LL1
I
1.2V CMOS
Processor load line select input control signal (MSB). Selects regulator load line
resistance.
11
OUTEN
I
1.2V CMOS
Processor output enable input signal used to command the regulator output.
“1”
Regulator output voltage enabled
“0”
Regulator output voltage disabled
12
VDD
I
VDD
3.3V power supply connection; decoupling cap should be placed close to pin.
13
FAULT1
O
3.3V CMOS
Programmable fault indicator #1.
14
FAULT2
O
3.3V CMOS
Programmable fault indicator #2.
15
VR_READY
O
Open Drain
Digital Controller output signal to indicate the regulator output voltage is within the
specified range.
“1”
µP VCC within 10% of target regulation voltage
“0”
µP VCC outside 10% of target regulation voltage
16
GND
Pin used in test mode only, tie to Ground for normal operation.
17
V12_SEN
I
Analog
12V voltage divider input. Used to guarantee valid input power supply before starting
up (undervoltage lockout).
18
VSENN
I
Analog
Negative voltage sense input.
19
VSENP
I
Analog
Positive voltage sense input.
20
TEMP_SEN
I
Analog
External thermistor temperature sense. Connected to ground through a negative TC
thermistor, with series and shunt resistance added to achieve desired range. See
“External Temperature Sense” on page 13 for more information.
21
ISEN5-
I
Phase channel #5 ADC current sense (-) input, tie to ground if the phase is unused.
22
ISEN5+
I
Analog
Phase channel #5 ADC current sense (+) input.
23
PWM5
O
3.3V CMOS
Phase channel #5 PWM output.
24
VDD
I
VDD
3.3V power supply connection; decoupling cap should be placed close to pin.
25
ISEN6-
I
Phase channel #6 ADC current sense (-) input, tie to ground if the phase is unused.
26
ISEN6+
I
Analog
Phase channel #6 ADC current sense (+) input.
27
PWM6/ATRLBB
O
3.3V CMOS
Phase channel #6 PWM output or optional external ATRL output.
28
ISEN4-
I
Phase channel #4 ADC current sense (-) input, tie to ground if the phase is unused.
29
ISEN4+
I
Analog
Phase channel #4 ADC current sense (+) input.
30
PWM4
O
3.3V CMOS
Phase channel #4 PWM output.
31
ISEN3-
I
Phase channel #3 ADC current sense (-) input, tie to ground if the phase is unused.
32
ISEN3+
I
Analog
Phase channel #3 ADC current sense (+) input.
33
PWM3
O
3.3V CMOS
Phase channel #3 PWM output.
ISL6595


Similar Part No. - ISL6595DRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6590 INTERSIL-ISL6590 Datasheet
1Mb / 24P
   Digital Multi-Phase PWM Controller for Core-Voltage Regulation
ISL6590DR INTERSIL-ISL6590DR Datasheet
1Mb / 24P
   Digital Multi-Phase PWM Controller for Core-Voltage Regulation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
ISL6592DNZ-T INTERSIL-ISL6592DNZ-T Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
ISL6594A INTERSIL-ISL6594A Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results

Similar Description - ISL6595DRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
logo
Alpha & Omega Semicondu...
AOZ97774QE AOSMD-AOZ97774QE Datasheet
665Kb / 8P
   Dual Digital Multiphase Controller Product Brief
Rev. 1.0 May 2021
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
logo
STMicroelectronics
L6918 STMICROELECTRONICS-L6918 Datasheet
760Kb / 35P
   5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com