Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6520AIRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6520AIRZ
Description  Single Synchronous Buck Pulse-Width Modulation PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6520AIRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6520AIRZ Datasheet HTML 4Page - Intersil Corporation ISL6520AIRZ Datasheet HTML 5Page - Intersil Corporation ISL6520AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6520AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6520AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6520AIRZ Datasheet HTML 9Page - Intersil Corporation ISL6520AIRZ Datasheet HTML 10Page - Intersil Corporation ISL6520AIRZ Datasheet HTML 11Page - Intersil Corporation ISL6520AIRZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN9016.6
December 10, 2009
ISL6520A
Package Outline Drawing
L16.4x4
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 6, 02/08
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
INDEX AREA
(4X)
0.15
PIN 1
6
4.00
A
B
+0.15
-0.10
16X 0 . 60
2 . 10 ± 0 . 15
0.28 +0.07 / -0.05
PIN #1 INDEX AREA
5
8
4
0.10
C
M
12
9
4
0.65
12X
13
4X 1.95
16
1
6
A B
( 3 . 6 TYP )
( 2 . 10 )
( 12X 0 . 65 )
( 16X 0 . 28 )
( 16 X 0 . 8 )
SEE DETAIL "X"
BASE PLANE
1.00 MAX
0 . 2 REF
0 . 00 MIN.
0 . 05 MAX.
C
5
0.08 C
C
SEATING PLANE
0.10 C


Similar Part No. - ISL6520AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520AIRZ INTERSIL-ISL6520AIRZ Datasheet
328Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520AIRZ INTERSIL-ISL6520AIRZ Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6520AIRZ RENESAS-ISL6520AIRZ Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results

Similar Description - ISL6520AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com