Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8701IBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL8701IBZ
Description  Adjustable Quad Sequencer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8701IBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL8701IBZ Datasheet HTML 1Page - Intersil Corporation ISL8701IBZ Datasheet HTML 2Page - Intersil Corporation ISL8701IBZ Datasheet HTML 3Page - Intersil Corporation ISL8701IBZ Datasheet HTML 4Page - Intersil Corporation ISL8701IBZ Datasheet HTML 5Page - Intersil Corporation ISL8701IBZ Datasheet HTML 6Page - Intersil Corporation ISL8701IBZ Datasheet HTML 7Page - Intersil Corporation ISL8701IBZ Datasheet HTML 8Page - Intersil Corporation ISL8701IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN9250.2
March 21, 2008
Functional Block Diagram
Functional Description
The ISL870x family of ICs provides four delay adjustable
sequenced outputs while monitoring a single distributed voltage
in the nominal range of 2.5V to 24V for both under and
overvoltage. Only when the voltage is in compliance will the
ISL870x initiate the pre-programmed A-B-C-D sequence of the
ENABLE (ISL8700, ISL8702) or ENABLE# (ISL8701) outputs.
Although this IC has a bias range of 2.5V to 24V (12V for
ISL8702) it can monitor any voltage >1.22V via the external
divider if a suitable bias voltage is otherwise provided.
During initial bias voltage (VIN) application, the ISL8700,
ISL8702 ENABLE outputs are held low once VIN = 1V whereas
the ISL8701 ENABLE# outputs follow the rising VIN. Once
VIN > the VBIAS power-on reset threshold (POR) of 2.0V, VIN
is constantly monitored for compliance via the input voltage
resistor divider and the voltages on the UV and OV pins and
reported by the FAULT output. Internally, voltage regulators
generate 3.5V and 1.17V ±5% voltage rails for internal usage
once VIN > POR. Once UV > 1.22V and with the SEQ_EN pin
high or open, the auto sequence of the four ENABLE
(ENABLE#) outputs begins as the TIME pin charges its external
capacitor with a 2.6µA current source. The voltage on TIME is
compared to the internal reference (VTIME_VTH) comparator
input and when greater than VTIME_VTH the ISL8700, ISL8702
ENABLE_A is released to go high via an external pull-up
resistor or a pull-up in a DC/DC convertor enable input, for
example. Conversely, ENABLE#_A output will be pulled low at
this time on an ISL8701. The time delay generated by the
external capacitor is to assure continued voltage compliance
within the programmed limits, as during this time any OV or UV
condition will halt the start-up process. TIME capacitor is
discharged once VTIME_VTH is met.
Once ENABLE_A is active (either released high on the
ISL8700, ISL8702 or pulled low on the ISL8701), a counter is
started and using the resistor on TB as a timing component, a
delay is generated before ENABLE_B is activated. At this time,
the counter is restarted using the resistor on TC as its timing
component for a separate timed delay until ENABLE_C is
activated. This process is repeated for the resistor on TD to
complete the A-B-C-D sequencing order of the ENABLE or
ENABLE# outputs. At any time during sequencing if an OV or
UV event is registered, all four ENABLE outputs will
immediately return to their reset state; low for ISL8700,
ISL8702 and high for ISL8701. CTIME is immediately
discharged after initial ramp-up thus waiting for subsequent
voltage compliance to restart. Once sequencing is complete,
any subsequently registered UV or OV event will trigger an
immediate and simultaneous reset of all ENABLE or ENABLE#
outputs.
VIN
VOLTAGE
1.17V
INTERNAL VOLTAGE
REGULATOR
VIN (2.2V MIN TO 27V MAX, 2.5V TO 12V FOR ISL8702)
2.0V VIN POR
3.5V
LOGIC
VREG
PROGRAMMABLE
DELAY TIMER
VTIME_VTH
2.6
µA
VIN
TB
TC
TD
ENABLE_A
ENABLE_B
ENABLE_C
ENABLE_D
TIME
GND
FAULT
SEQ_EN
UV
OV
+
-
-
+
eo
VREF
30µs
REFERENCE
ISL8700, ISL8701, ISL8702


Similar Part No. - ISL8701IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8701IBZ INTERSIL-ISL8701IBZ Datasheet
295Kb / 13P
   Adjustable Quad Sequencer
logo
Renesas Technology Corp
ISL8701IBZ RENESAS-ISL8701IBZ Datasheet
656Kb / 13P
   Adjustable Quad Sequencer
More results

Similar Description - ISL8701IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8702IBZ-T INTERSIL-ISL8702IBZ-T Datasheet
295Kb / 13P
   Adjustable Quad Sequencer
ISL8700AIBZ INTERSIL-ISL8700AIBZ Datasheet
289Kb / 12P
   Adjustable Quad Sequencer
logo
Altera Corporation
ES1022SI ALTERA-ES1022SI Datasheet
1,000Kb / 14P
   Adjustable Quad Sequencer
logo
Renesas Technology Corp
ISL8700 RENESAS-ISL8700 Datasheet
656Kb / 13P
   Adjustable Quad Sequencer
logo
Intersil Corporation
ISL8700A INTERSIL-ISL8700A Datasheet
287Kb / 12P
   Adjustable Quad Sequencer
October 12, 2006
logo
Linear Technology
LTC2924 LINER-LTC2924_15 Datasheet
365Kb / 22P
   Quad Power Supply Sequencer
LTC2924 LINER-LTC2924 Datasheet
531Kb / 20P
   Quad Power Supply Sequencer
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com