Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZRA0600FF1E Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # OZRA0600FF1E
Description  Radial Leaded PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

OZRA0600FF1E Datasheet(HTML) 1 Page - Bel Fuse Inc.

  OZRA0600FF1E Datasheet HTML 1Page - Bel Fuse Inc. OZRA0600FF1E Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0ZRA1007D
Application
High Current Applications
Product Features
Very High Hold Currents, Low DCR Resistance
Operating (Hold Current) Range
3 A ~ 14A
Maximum Voltage
16V
Temperature Range
-40°C to 85°C
Agency Approval
TUV (Std. EN60738-1-1, Cert. R50102187)
UL Component (Std. UL1434, File E305051)
UL Conditions of Acceptability:
1.These devices have been investigated for use
in safety circuits and are suitable as a limiting
device.
IH
Hold current-maximum current at which the device will not trip in still air at 23°C.
IT
Trip current-minimum current at which the device will always trip in still air at 23°C.
Imax
Maximum fault current device can withstand without damage at rated voltage (Vmax).
Vmax Maximum voltage device can withstand without damage at its rated current.
Pd
Typical power dissipated by device when in tripped state in 23°C still air environment.
Rmin Minimum device resistance at 23°C.
Rmax Maximum device resistance at 23°C.
R1max Maximum device resistance at 23°C, 1 hour after initial device trip.
Lead material
0ZRA0300 ~ 0ZRA1100 - Tin plated copper, 20 AWG.
0ZRA1200 ~ 0ZRA1400 - Tin plated copper, 18 AWG.
Soldering characteristics
MIL-STD-202, Method 208E.
Insulating coating
Flame retardant epoxy, meets UL-94-V-0 requirements.
All dimensions
in mm
Physical specifications
PTC Marking
Product Dimensions
defining a degree of excellence
Radial Leaded PTC
0ZRA Series
RoHS6 Compliant
Electrical Characteristics (23°C)
Bel Fuse Inc
. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel:201 - 432 - 0463 • Fax:201 - 432 - 9542 • E-Mail: belfuse@belfuse.com
Website:www.belfuse.com
Specifications subject to change without notice
ø
Standard Package
“bel” or “b”, IH code and “RA”.


Similar Description - OZRA0600FF1E

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
60R LITTELFUSE-60R Datasheet
152Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com