Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL4223E Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL4223E
Description  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4223E Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL4223E Datasheet HTML 6Page - Intersil Corporation ISL4223E Datasheet HTML 7Page - Intersil Corporation ISL4223E Datasheet HTML 8Page - Intersil Corporation ISL4223E Datasheet HTML 9Page - Intersil Corporation ISL4223E Datasheet HTML 10Page - Intersil Corporation ISL4223E Datasheet HTML 11Page - Intersil Corporation ISL4223E Datasheet HTML 12Page - Intersil Corporation ISL4223E Datasheet HTML 13Page - Intersil Corporation ISL4223E Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN6045.3
February 13, 2008
Interconnection with 3V and 5V Logic
The ISL4221E, ISL4223E and ISL3232E directly interface
with 5V CMOS and TTL logic families. Nevertheless, with the
ISL4221E, ISL4223E and ISL3232E at 3.3V, and the logic
supply at 5V, AC, HC, and CD4000 outputs can properly
drive ISL4221E, ISL4223E and ISL3232E inputs, but
ISL4221E, ISL4223E and ISL3232E outputs do not reach
the minimum VIH for these logic families. See Table 3 for
more information.
±15kV ESD Protection
All pins on ISL4221E, ISL4223E and ISL3232E devices
include ESD protection structures, but the RS-232 pins
(transmitter outputs and receiver inputs) incorporate
advanced structures, which allow them to survive ESD
events up to ±15kV. The RS-232 pins are particularly
vulnerable to ESD damage because they typically connect to
an exposed port on the exterior of the finished product.
Simply touching the port pins, or connecting a cable, can
cause an ESD event that might destroy unprotected ICs.
These new ESD structures protect the device whether or not
it is powered-up, protect without allowing any latchup
mechanism to activate, and don’t interfere with RS-232
signals as large as ±25V.
Human Body Model (HBM) Testing
As the name implies, this test method emulates the ESD
event delivered to an IC during human handling. The tester
delivers the charge through a 1.5k
Ω current limiting resistor,
making the test less severe than the IEC61000 test which
utilizes a 330
Ω limiting resistor. The HBM method
determines an ICs ability to withstand the ESD transients
typically present during handling and manufacturing. Due to
the random nature of these events, each pin is tested with
respect to all other pins. The RS-232 pins on “E” family
devices can withstand HBM ESD events to
±15kV.
IEC61000-4-2 Testing
The IEC61000-4-2 test method applies to finished
equipment, rather than to an individual IC. Therefore, the
pins most likely to suffer an ESD event are those that are
exposed to the outside world (the RS-232 pins in this case),
and the IC is tested in its typical application configuration
(power applied) rather than testing each pin-to-pin
combination. The lower current limiting resistor coupled with
the larger charge storage capacitor yields a test that is much
more severe than the HBM test. The extra ESD protection
built into this device’s RS-232 pins allows the design of
equipment meeting level 4 criteria without the need for
additional board level protection on the RS-232 port.
AIR-GAP DISCHARGE TEST METHOD
For this test method, a charged probe tip moves toward the
IC pin until the voltage arcs to it. The current waveform
delivered to the IC pin depends on approach speed,
humidity, temperature, etc., so it is difficult to obtain
repeatable results. The “E” device RS-232 pins withstand
±15kV air-gap discharges.
CONTACT DISCHARGE TEST METHOD
During the contact discharge test, the probe contacts the
tested pin before the probe tip is energized, thereby
eliminating the variables associated with the air-gap
discharge. The result is a more repeatable and predictable
test, but equipment limits prevent testing devices at voltages
higher than ±8kV. All “E” family devices survive ±8kV contact
discharges on the RS-232 pins.
TABLE 3. LOGIC FAMILY COMPATIBILITY WITH VARIOUS
SUPPLY VOLTAGES
SYSTEM
POWER-SUPPLY
VOLTAGE
(V)
VCC
SUPPLY
VOLTAGE
(V)
COMPATIBILITY
3.3
3.3
Compatible with all CMOS
families.
5
5
Compatible with all TTL and
CMOS logic families.
5
3.3
Compatible with ACT and HCT
CMOS, and with TTL. ISL4221E,
ISL4223E and ISL3232E outputs
are incompatible with AC, HC,
and CD4000 CMOS inputs.
ISL3232E, ISL4221E, ISL4223E


Similar Part No. - ISL4223E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4223E INTERSIL-ISL4223E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4223E INTERSIL-ISL4223E Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL4223E INTERSIL-ISL4223E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL4223E RENESAS-ISL4223E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4223E INTERSIL-ISL4223E Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
More results

Similar Description - ISL4223E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com