Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5327CR Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5327CR
Description  2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5327CR Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5327CR Datasheet HTML 7Page - Intersil Corporation EL5327CR Datasheet HTML 8Page - Intersil Corporation EL5327CR Datasheet HTML 9Page - Intersil Corporation EL5327CR Datasheet HTML 10Page - Intersil Corporation EL5327CR Datasheet HTML 11Page - Intersil Corporation EL5327CR Datasheet HTML 12Page - Intersil Corporation EL5327CR Datasheet HTML 13Page - Intersil Corporation EL5327CR Datasheet HTML 14Page - Intersil Corporation EL5327CR Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN7111.4
May 4, 2007
Applications Information
Product Description
The EL5127, EL5227, EL5327, and EL5427 unity gain
buffers are fabricated using a high voltage CMOS process. It
exhibits rail-to-rail input and output capability and has low
power consumption (120µA per buffer). These features
make the EL5127, EL5227, EL5327, and EL5427 ideal for a
wide range of general-purpose applications. When driving a
load of 10k
Ω and 12pF, the EL5127, EL5227, EL5327, and
EL5427 have a -3dB bandwidth of 2.5MHz and exhibits
2.2V/µs slew rate.
Operating Voltage, Input, and Output
The EL5127, EL5227, EL5327, and EL5427 are specified
with a single nominal supply voltage from 5V to 15V or a split
supply with its total range from 5V to 15V. Correct operation
is guaranteed for a supply range of 4.5V to 16.5V. Most
EL5127, EL5227, EL5327, and EL5427 specifications are
stable over both the full supply range and operating
temperatures of -40°C to +85°C. Parameter variations with
operating voltage and/or temperature are shown in the
typical performance curves.
The output swings of the EL5127, EL5227, EL5327, and
EL5427 typically extend to within 80mV of positive and
negative supply rails with load currents of 5mA. Decreasing
load currents will extend the output voltage range even
closer to the supply rails. Figure 22 shows the input and
output waveforms for the device. Operation is from ±5V
supply with a 10k
Ω load connected to GND. The input is a
10VP-P sinusoid. The output voltage is approximately
9.985VP-P.
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 21. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.4
0
AMBIENT TEMPERATURE (°C)
1.2
1
0.8
0.6
0.4
0.2
0
25
50
75
100
125
85
1.111W
1.333W
1.176W
TSSOP28
θJA=75°C/W
TSSOP24
θ
JA=85°C/W
TSSOP20
θ
JA=90°C/W
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
255075
125
150
AMBIENT TEMPERATURE (°C)
100
85
714mW
758mW
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
QFN32
θJA=132°C/W
486mW
MSOP10
θJA=206°C/W
QFN24
θJA=140°C/W
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
714mW
833mW
781mW
TSSOP28
θJA=120°C/W
TSSOP24
θJA=128°C/W
TSSOP20
θJA=140°C/W
EL5127, EL5227, EL5327, EL5427


Similar Part No. - EL5327CR

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5327CR ELANTEC-EL5327CR Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5327CR INTERSIL-EL5327CR Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5327CR RENESAS-EL5327CR Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5327CR-T13 INTERSIL-EL5327CR-T13 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5327CR-T13 RENESAS-EL5327CR-T13 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
More results

Similar Description - EL5327CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
logo
Elantec Semiconductor
EL5127C ELANTEC-EL5127C Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Renesas Technology Corp
EL5027 RENESAS-EL5027 Datasheet
524Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com