Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6614ACRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6614ACRZ
Description  Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6614ACRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6614ACRZ Datasheet HTML 3Page - Intersil Corporation ISL6614ACRZ Datasheet HTML 4Page - Intersil Corporation ISL6614ACRZ Datasheet HTML 5Page - Intersil Corporation ISL6614ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6614ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6614ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6614ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6614ACRZ Datasheet HTML 10Page - Intersil Corporation ISL6614ACRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN9160.2
July 25, 2005
Functional Pin Description
PKG. PIN #
PIN
SYMBOL
FUNCTION
SOIC
QFN
115
PWM1
The PWM signal is the control input for the Channel 1 driver. The PWM signal can enter three distinct states during
operation, see the three-state PWM Input section under DESCRIPTION for further details. Connect this pin to the PWM
output of the controller.
216
PWM2
The PWM signal is the control input for the Channel 2 driver. The PWM signal can enter three distinct states during
operation, see the three-state PWM Input section under DESCRIPTION for further details. Connect this pin to the PWM
output of the controller.
31
GND
Bias and reference ground. All signals are referenced to this node.
4
2
LGATE1
Lower gate drive output of Channel 1. Connect to gate of the low-side power N-Channel MOSFET.
5
3
PVCC
This pin supplies power to both the lower and higher gate drives in ISL6614A. Its operating range is +5V to 12V.
Place a high quality low ESR ceramic capacitor from this pin to GND.
64
PGND
It is the power ground return of both low gate drivers.
-
5, 8
N/C
No Connection.
7
6
LGATE2
Lower gate drive output of Channel 2. Connect to gate of the low-side power N-Channel MOSFET.
8
7
PHASE2
Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET in Channel 2. This
pin provides a return path for the upper gate drive.
9
9
UGATE2
Upper gate drive output of Channel 2. Connect to gate of high-side power N-Channel MOSFET.
10
10
BOOT2
Floating bootstrap supply pin for the upper gate drive of Channel 2. Connect the bootstrap capacitor between this
pin and the PHASE2 pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See the
Internal Bootstrap Device section under DESCRIPTION for guidance in choosing the capacitor value.
11
11
BOOT1
Floating bootstrap supply pin for the upper gate drive of Channel 1. Connect the bootstrap capacitor between this
pin and the PHASE1 pin. The bootstrap capacitor provides the charge to turn on the upper MOSFET. See the
Internal Bootstrap Device section under DESCRIPTION for guidance in choosing the capacitor value.
12
12
UGATE1
Upper gate drive output of Channel 1. Connect to gate of high-side power N-Channel MOSFET.
13
13
PHASE1
Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET in Channel 1. This
pin provides a return path for the upper gate drive.
14
14
VCC
Connect this pin to a +12V bias supply. It supplies power to internal analog circuits. Place a high quality low ESR
ceramic capacitor from this pin to GND.
-
17
PAD
Connect this pad to the power ground plane (GND) via thermally enhanced connection.
ISL6614A


Similar Part No. - ISL6614ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6614ACRZ INTERSIL-ISL6614ACRZ Datasheet
336Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614ACRZ INTERSIL-ISL6614ACRZ Datasheet
275Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 5, 2008
logo
Renesas Technology Corp
ISL6614ACRZ RENESAS-ISL6614ACRZ Datasheet
602Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results

Similar Description - ISL6614ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6614A RENESAS-ISL6614A Datasheet
602Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6614B INTERSIL-ISL6614B_06 Datasheet
335Kb / 11P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614B INTERSIL-ISL6614B Datasheet
276Kb / 11P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614A INTERSIL-ISL6614A_06 Datasheet
336Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6614B RENESAS-ISL6614B Datasheet
577Kb / 11P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6614ACB INTERSIL-ISL6614ACB Datasheet
275Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 5, 2008
ISL6612ACBZ INTERSIL-ISL6612ACBZ Datasheet
305Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
ISL6612BCBZ INTERSIL-ISL6612BCBZ Datasheet
212Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
logo
Renesas Technology Corp
ISL6612B RENESAS-ISL6612B Datasheet
616Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6612A INTERSIL-ISL6612A Datasheet
325Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com