Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6841IRZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6841IRZ-T
Description  Improved Industry Standard Single-Ended Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6841IRZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6841IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6841IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6841IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6841IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6841IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6841IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6841IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6841IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6841IRZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN9124.10
August 7, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . GND - 0.3V to +20.0V
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VDD + 0.3V
Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 6.0V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1A
Operating Conditions
Temperature Range
ISL684xIx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Supply Voltage Range (Typical, Note 3)
ISL6840, ISL6841 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5V to 14V
ISL6843, ISL6845. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9V to 16V
ISL6842, ISL6844. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V to 18V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
DFN Package (Notes 1, 2) . . . . . . . . . .
77
6
SOIC Package (Note 1) . . . . . . . . . . . .
100
N/A
MSOP Package (Note 1) . . . . . . . . . . .
130
N/A
Maximum Junction Temperature . . . . . . . . . . . . . . . -55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. All voltages are with respect to GND.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” and “Typical
Application” schematic on pages 3 and 4. VDD = 15V (Note 6), Rt = 10kΩ, Ct = 3.3nF, TA = -40 to +105°C Typical
values are at TA = +25°C. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise
specified. Temperature limits established by characterization and are not production tested.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UNDERVOLTAGE LOCKOUT
START Threshold (ISL6840, ISL6841)
6.5
7.0
7.5
V
START Threshold (ISL6843, ISL6845)
7.8
8.4
9.0
V
START Threshold (ISL6842, ISL6844)
13.3
14.3
15.3
V
STOP Threshold (ISL6840, ISL6841)
6.1
6.6
6.9
V
STOP Threshold (ISL6843, ISL6845)
6.7
7.2
7.7
V
STOP Threshold (ISL6842, ISL6844)
8.0
8.8
9.6
V
Hysteresis (ISL6840, ISL6841)
-
0.4
-
V
Hysteresis (ISL6843, ISL6845)
-
0.8
-
V
Hysteresis (ISL6842, ISL6844)
-
5.4
-
V
Start-up Current, IDD
VDD < START Threshold
-
60
100
µA
Operating Current, IDD
(Note 4)
-
3.3
4.0
mA
Operating Supply Current, ID
Includes 1nF GATE loading
-
4.1
5.5
mA
REFERENCE VOLTAGE
Overall Accuracy
Over line (VDD = 12V to 18V), load,
temperature
4.925
5.000
5.050
V
Long Term Stability
TA = +125°C, 1000 hours (Note 5)
-
5
-
mV
Fault Voltage
4.40
4.65
4.85
V
VREF Good Voltage
4.60
4.80
VREF - 0.05
V
Hysteresis
50
165
250
mV
Current Limit, Sourcing
-20
-
-
mA
Current Limit, Sinking
5
-
-
mA
CURRENT SENSE
Input Bias Current
VCS = 1V
-1.0
-
1.0
µA
CS Offset Voltage
VCS = 0V (Note 5)
95
100
105
mV
COMP to PWM Comparator Offset Voltage
VCS = 0V (Note 5)
0.80
1.15
1.30
V
Input Signal, Maximum
0.91
0.97
1.03
V
ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845


Similar Part No. - ISL6841IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6841IRZ-T INTERSIL-ISL6841IRZ-T Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6841IRZ-T INTERSIL-ISL6841IRZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6841IRZ-T INTERSIL-ISL6841IRZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results

Similar Description - ISL6841IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com