Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95311 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL95311
Description  Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95311 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL95311 Datasheet HTML 2Page - Intersil Corporation ISL95311 Datasheet HTML 3Page - Intersil Corporation ISL95311 Datasheet HTML 4Page - Intersil Corporation ISL95311 Datasheet HTML 5Page - Intersil Corporation ISL95311 Datasheet HTML 6Page - Intersil Corporation ISL95311 Datasheet HTML 7Page - Intersil Corporation ISL95311 Datasheet HTML 8Page - Intersil Corporation ISL95311 Datasheet HTML 9Page - Intersil Corporation ISL95311 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN8084.0
May 6, 2005
NOTES:
1. Typical values are for TA = 25°C and 3.3V supply voltage.
2. LSB: [V(RW)127 – V(RW)0] / 127. V(RW)127 and V(RW)0 are V(RW) for the DCP register set to 7F hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
3. ZS error = V(RW)0 / LSB.
4. FS error = [V(RW)127 – V+] / LSB.
5. DNL = [V(RW)i – V(RW)i-1] / LSB-1, for i = 1 to 127. i is the DCP register setting.
6. INL = V(RW)i – (i • LSB – V(RW)0) for i = 1 to 127.
7.
for i = 16 to 120 decimal, T = -40°C to 85°C. Max( ) is the maximum value of the wiper voltage and Min ( ) is the minimum value of the wiper
voltage over the temperature range.
8. MI =
|R127 – R0| / 127. R127 and R0 are the measured resistances for the DCP register set to 7F hex and 00 hex respectively.
9. Roffset = R0 / MI, when measuring between RW and RL.
Roffset = R127 / MI, when measuring between RW and RH.
10. RDNL = (Ri – Ri-1) / MI, for i = 16 to 127.
11. RINL = [Ri – (MI • i) – R0] / MI, for i = 16 to 127.
12.
for i = 16 to 127, T = -40°C to 85°C. Max( ) is the maximum value of the resistance and Min ( ) is the minimum value of the resistance over the
temperature range.
13. This parameter is not 100% tested.
14. tWP is the minimum cycle time to be allowed for any non-volatile Write by the user, unless Acknowledge Polling is used. It is the time from a
valid STOP condition at the end of a Write sequence of a I2C serial interface Write operation, to the end of the self-timed internal non-volatile
write cycle.
Pin Descriptions
Potentiometer Pins
RH and RL
RL and RH are referenced to the relative position of the
wiper and not the voltage potential on the terminals. With
WR set to 127, the wiper will be closest to RH, and with the
WR set to 00, the wiper is closest to RL.
R
W
RW is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the WR.
Bus Interface Pins
SERIAL DATA INPUT/OUTPUT (SDA)
The SDA is a bidirectional serial data input/output pin for the
I2C interface. It receives device address, operation code,
wiper register address and data from a I2C external master
device at the rising edge of the serial clock SCL, and it shifts
out data after each falling edge of the serial clock SCL.
SDA requires an external pull-up resistor, since it’s an open
drain input/output.
SERIAL CLOCK (SCL)
This input is the serial clock of the I2C serial interface.
SCL requires an external pull-up resistor, since it’s an open
drain input.
DEVICE ADDRESS (A1–A0)
The Address inputs are used to set the least significant 2 bits
of the 8-bit I2C interface slave address. A match in the slave
address serial data stream must be made with the Address
input pins in order to initiate communication with the
ISL95311. A maximum of 4 ISL95311 devices may occupy
the I2C serial bus.
Principles of Operation
The ISL95311 is an integrated circuit incorporating one DCP
with their associated register, non-volatile memory, and a
I2C serial interface providing direct communication between
a host and the potentiometers and memory. The resistor
array is comprised of 127 individual resistors connected in
series. At either end of the array and between each resistor
is an electronic switch between that point and the wiper.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the last
position. That is, the counter does not wrap around when
clocked to either extreme.
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions.
When the device is powered-down, the last wiper position
stored will be maintained in the nonvolatile memory. When
power is restored, the contents of the memory are recalled
and the wiper is set to the value last stored.
TC
V
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
----------------------------------------------------------------------------------------------
106
125°C
-----------------
×
=
TC
R
Max Ri
() Min Ri
()
[]
Max Ri
() Min Ri
()
+
[] 2
----------------------------------------------------------------
10
6
125°C
-----------------
×
=
ISL95311


Similar Part No. - ISL95311

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL95311 RENESAS-ISL95311 Datasheet
588Kb / 12P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
ISL95311WIU10Z RENESAS-ISL95311WIU10Z Datasheet
588Kb / 12P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
More results

Similar Description - ISL95311

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
   Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL95311 RENESAS-ISL95311 Datasheet
588Kb / 12P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
ISL95310 RENESAS-ISL95310 Datasheet
474Kb / 9P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Intersil Corporation
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
X9312 INTERSIL-X9312 Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
logo
Renesas Technology Corp
ISL95711 RENESAS-ISL95711 Datasheet
871Kb / 14P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 짹2.7V or 짹5V, 128 Taps I2C Serial Interface
logo
ON Semiconductor
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Intersil Corporation
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL95710 INTERSIL-ISL95710 Datasheet
238Kb / 8P
   Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com