Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9001AIRJZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9001AIRJZ-T
Description  LDO with Low ISUPPLY, High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9001AIRJZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9001AIRJZ-T Datasheet HTML 2Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 3Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 4Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 5Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 6Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 7Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 8Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 9Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6433.2
March 27, 2008
FIGURE 8. DROPOUT VOLTAGE vs LOAD CURRENT
FIGURE 9. GROUND CURRENT vs INPUT VOLTAGE
FIGURE 10. GROUND CURRENT vs LOAD
FIGURE 11. GROUND CURRENT vs TEMPERATURE
FIGURE 12. POWER-UP/POWER-DOWN
FIGURE 13. TURN-ON/TURN-OFF RESPONSE
Typical Performance Curves (Continued)
200
250
300
350
150
100
50
0
50
100
150
200
250
300
350
400
0
OUTPUT LOAD (mA)
VO = 3.3V
+85°C
+25°C
-40°C
15
20
25
30
40
4.0
5.0
6.5
INPUT VOLTAGE (V)
35
3.0
3.5
4.58
5.5
6.0
-40°C
+25°C
+125°C
VO = 3.3V
10
200
160
100
20
0
50
100
150
200
250
400
0
LOAD CURRENT (mA)
350
300
VO = 3.3V
VIN = 3.8V
40
60
80
120
140
180
+85°C
-40°C
+25°C
20
10
-10
20
50
110
-40
TEMPERATURE (°C)
30
35
40
25
15
-25
5
35
80
65
95
125
VIN = 3.8V
VO = 3.3V
ILOAD = 0µA
2
3
4
5
1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5.0
TIME (s)
4.0
4.5
POR
0
VO = 2.85V
IL = 150mA
VO
VIN
1
3
0
2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
TIME (ms)
5
VO = 2.85V
VIN = 5.0V
IL = 150mA
CL = 1µF
CBYP = 0.01µF
1.8
2.0
ISL9001A


Similar Part No. - ISL9001AIRJZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001AIRJZ-T INTERSIL-ISL9001AIRJZ-T Datasheet
256Kb / 11P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
logo
Renesas Technology Corp
ISL9001AIRJZ-T RENESAS-ISL9001AIRJZ-T Datasheet
624Kb / 12P
   LDO with Low ISUPPLY, High PSRR
More results

Similar Description - ISL9001AIRJZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001AIRBZ-T INTERSIL-ISL9001AIRBZ-T Datasheet
256Kb / 11P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005AIRNZ-T INTERSIL-ISL9005AIRNZ-T Datasheet
246Kb / 9P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005A INTERSIL-ISL9005A Datasheet
249Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9001 INTERSIL-ISL9001 Datasheet
270Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9005 INTERSIL-ISL9005 Datasheet
248Kb / 9P
   LDO with Low ISUPPLY, High PSRR
logo
Renesas Technology Corp
ISL9001A RENESAS-ISL9001A Datasheet
624Kb / 12P
   LDO with Low ISUPPLY, High PSRR
ISL9005 RENESAS-ISL9005 Datasheet
546Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9005A RENESAS-ISL9005A Datasheet
571Kb / 10P
   LDO with Low ISUPPLY, High PSRR
ISL9001 RENESAS-ISL9001 Datasheet
600Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com