Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9001AIRKZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL9001AIRKZ-T
Description  LDO with Low ISUPPLY, High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9001AIRKZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL9001AIRKZ-T Datasheet HTML 3Page - Intersil Corporation ISL9001AIRKZ-T Datasheet HTML 4Page - Intersil Corporation ISL9001AIRKZ-T Datasheet HTML 5Page - Intersil Corporation ISL9001AIRKZ-T Datasheet HTML 6Page - Intersil Corporation ISL9001AIRKZ-T Datasheet HTML 7Page - Intersil Corporation ISL9001AIRKZ-T Datasheet HTML 8Page - Intersil Corporation ISL9001AIRKZ-T Datasheet HTML 9Page - Intersil Corporation ISL9001AIRKZ-T Datasheet HTML 10Page - Intersil Corporation ISL9001AIRKZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6433.2
March 27, 2008
Block Diagram
Functional Description
The ISL9001A contains all circuitry required to implement a
high performance LDO. High performance is achieved
through a circuit that delivers fast transient response to
varying load conditions. In a quiescent condition, the
ISL9001A adjusts its biasing to achieve the lowest standby
current consumption.
The device also integrates current limit protection, smart
thermal shutdown protection, and soft-start. Smart thermal
shutdown protects the device against overheating.
Power Control
The ISL9001A has an enable pin (EN) to control power to
the LDO output. When EN is low, the device is in shutdown
mode. During this condition, all on-chip circuits are off, and
the device draws minimum current, typically less than 0.1µA.
When the enable pin is asserted, the device first polls the
output of the UVLO detector to ensure that VIN voltage is at
least about 2.1V. Once verified, the device initiates a start-up
sequence. During the start-up sequence, trim settings are
first read and latched. Then, sequentially, the bandgap,
reference voltage and current generation circuitry power up.
Once the references are stable, a fast-start circuit quickly
charges the external reference bypass capacitor (connected
to the CBYP pin) to the proper operating voltage. Once the
bypass capacitor has been charged, the LDO powers up.
During operation, whenever the VIN voltage drops below
about 1.84V, the ISL9001A immediately disables the LDO
output. When VIN rises back above 2.1V, the device
re-initiates its start-up sequence and LDO operation will
resume automatically.
Reference Generation
The reference generation circuitry includes a trimmed
bandgap, a trimmed voltage reference divider, a trimmed
current reference generator, and an RC noise filter. The filter
includes the external capacitor connected to the CBYP pin.
A 0.01µF capacitor connected CBYP implements a 100Hz
lowpass filter, and is recommended for most high
performance applications. For the lowest noise application, a
0.1µF CBYP capacitor should be used. This filters the
reference noise to below the 10Hz to 1kHz frequency band,
which is crucial in many noise-sensitive applications.
The bandgap generates a zero temperature coefficient (TC)
voltage for the reference divider. The reference divider
provides the regulation reference, POR detection thresholds,
and other voltage references required for current generation
and over-temperature detection.
The current generator outputs references required for
adaptive biasing as well as references for LDO output
current limit and thermal shutdown determination.
VO
GND
BANDGAP AND
TEMPERATURE
SENSOR
UVLO
VIN
SHORT CIRCUIT,
THERMAL PROTECTION,
SOFT-START
EN
CONTROL
LOGIC
CBYP
1.0V
0.94V
0.9V
POR
GND
POR
DELAY
1.0V
VO
CPOR
VOLTAGE AND
REFERENCE
GENERATOR
+
-
+
-
ISL9001A


Similar Part No. - ISL9001AIRKZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001AIRKZ-T INTERSIL-ISL9001AIRKZ-T Datasheet
256Kb / 11P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
logo
Renesas Technology Corp
ISL9001AIRKZ-T RENESAS-ISL9001AIRKZ-T Datasheet
624Kb / 12P
   LDO with Low ISUPPLY, High PSRR
More results

Similar Description - ISL9001AIRKZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001AIRBZ-T INTERSIL-ISL9001AIRBZ-T Datasheet
256Kb / 11P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005AIRNZ-T INTERSIL-ISL9005AIRNZ-T Datasheet
246Kb / 9P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005A INTERSIL-ISL9005A Datasheet
249Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9001 INTERSIL-ISL9001 Datasheet
270Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9005 INTERSIL-ISL9005 Datasheet
248Kb / 9P
   LDO with Low ISUPPLY, High PSRR
logo
Renesas Technology Corp
ISL9001A RENESAS-ISL9001A Datasheet
624Kb / 12P
   LDO with Low ISUPPLY, High PSRR
ISL9005 RENESAS-ISL9005 Datasheet
546Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9005A RENESAS-ISL9005A Datasheet
571Kb / 10P
   LDO with Low ISUPPLY, High PSRR
ISL9001 RENESAS-ISL9001 Datasheet
600Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com