Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9001AIRMZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL9001AIRMZ-T
Description  LDO with Low ISUPPLY, High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9001AIRMZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL9001AIRMZ-T Datasheet HTML 3Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 4Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 5Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 6Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 7Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 8Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 9Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 10Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6433.2
March 27, 2008
ISL9001A
Dual Flat No-Lead Plastic Package (DFN)
//
NX (b)
SECTION "C-C"
5
(A1)
BOTTOM VIEW
A
6
AREA
INDEX
C
C
0.10
0.08
SIDE VIEW
0.15
2X
E
A
B
C
0.15
D
TOP VIEW
CB
2X
6
8
AREA
INDEX
NX L
E2
E2/2
REF.
e
N
(Nd-1)Xe
(DATUM A)
(DATUM B)
5
0.10
8
7
D2
B
A
M
C
N-1
12
PLANE
SEATING
C
A
A3
NX b
D2/2
NX k
FOR EVEN TERMINAL/SIDE
TERMINAL TIP
CL
e
L
C
C
L8.2x3
8 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
-
-
0.05
-
A3
0.20 REF
-
b
0.20
0.25
0.32
5,8
D
2.00 BSC
-
D2
1.50
1.65
1.75
7,8
E
3.00 BSC
-
E2
1.65
1.80
1.90
7,8
e
0.50 BSC
-
k0.20
-
-
-
L
0.30
0.40
0.50
8
N8
2
Nd
4
3
Rev. 0 6/04
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd refers to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.25mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.


Similar Part No. - ISL9001AIRMZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001AIRMZ-T INTERSIL-ISL9001AIRMZ-T Datasheet
256Kb / 11P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
More results

Similar Description - ISL9001AIRMZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001AIRBZ-T INTERSIL-ISL9001AIRBZ-T Datasheet
256Kb / 11P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005AIRNZ-T INTERSIL-ISL9005AIRNZ-T Datasheet
246Kb / 9P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005A INTERSIL-ISL9005A Datasheet
249Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9001 INTERSIL-ISL9001 Datasheet
270Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9005 INTERSIL-ISL9005 Datasheet
248Kb / 9P
   LDO with Low ISUPPLY, High PSRR
logo
Renesas Technology Corp
ISL9001A RENESAS-ISL9001A Datasheet
624Kb / 12P
   LDO with Low ISUPPLY, High PSRR
ISL9005 RENESAS-ISL9005 Datasheet
546Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9005A RENESAS-ISL9005A Datasheet
571Kb / 10P
   LDO with Low ISUPPLY, High PSRR
ISL9001 RENESAS-ISL9001 Datasheet
600Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com