Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9005AIRLZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9005AIRLZ-T
Description  LDO with Low ISUPPLY, High PSRR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9005AIRLZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9005AIRLZ-T Datasheet HTML 1Page - Intersil Corporation ISL9005AIRLZ-T Datasheet HTML 2Page - Intersil Corporation ISL9005AIRLZ-T Datasheet HTML 3Page - Intersil Corporation ISL9005AIRLZ-T Datasheet HTML 4Page - Intersil Corporation ISL9005AIRLZ-T Datasheet HTML 5Page - Intersil Corporation ISL9005AIRLZ-T Datasheet HTML 6Page - Intersil Corporation ISL9005AIRLZ-T Datasheet HTML 7Page - Intersil Corporation ISL9005AIRLZ-T Datasheet HTML 8Page - Intersil Corporation ISL9005AIRLZ-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FN6452.0
March 14, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.1V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN + 0.3)V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .2500V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .200V
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 6.5V
Thermal Resistance (Notes 3, 4)
θJA (°C/W) θJC (°C/W)
8 Ld DFN 2x3 Package . . . . . . . . . . . .
69
10
Junction Temperature Range . . . . . . . . . . . . . . . . . -40°C to +125°C
Operating Temperature Range . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
4.
θ
JC, “case temperature” location is at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature
range of the device as follows: TA = -40°C to +85°C; VIN = (VO + 0.5V) to 5.5V with a minimum VIN of 2.3V;
CIN =1µF; CO = 1µF
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage
VIN
2.3
6.5
V
Ground Current
Quiescent condition: IO = 0μA
IDD
LDO active
50
75
µA
Shutdown Current
IDDS
LDO disabled @ +25°C
0.1
1.0
µA
UVLO Threshold
VUV+
1.9
2.1
2.3
V
VUV-
1.6
1.8
2.0
V
Regulation Voltage Accuracy
Initial accuracy at VIN = VO + 0.5V, IO = 10mA, TJ = +25°C
-0.7
+0.7
%
VIN = VO + 0.5V to 5.5V, IO = 10µA to 300mA, TJ = +25°C
-0.8
+0.8
%
VIN = VO + 0.5V to 5.5V, IO = 10µA to 300mA,
TJ = -40°C to +125°C
-1.8
+1.8
%
Maximum Output Current
IMAX
Continuous
300
mA
Internal Current Limit
ILIM
350
475
600
mA
Dropout Voltage (Note 6)
VDO1
IO = 300mA; VO < 2.5V
300
500
mV
VDO2
IO = 300mA; 2.5V ≤ VO ≤ 2.8V
250
400
mV
VDO3
IO = 300mA; VO > 2.8V
200
325
mV
Thermal Shutdown Temperature
TSD+
145
°C
TSD-
110
°C
AC CHARACTERISTICS
Ripple Rejection (Note 5)
IO = 10mA, VIN = 2.8V (min), VO = 1.8V
@ 1kHz
75
dB
@ 10kHz
60
dB
@ 100kHz
40
dB
Output Noise Voltage (Note 5)
IO = 100µA, VO = 1.5V, TA = +25°C
BW = 10Hz to 100kHz
45
µVRMS
ISL9005A


Similar Part No. - ISL9005AIRLZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9005AIRLZ-T INTERSIL-ISL9005AIRLZ-T Datasheet
246Kb / 9P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
More results

Similar Description - ISL9005AIRLZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001AIRBZ-T INTERSIL-ISL9001AIRBZ-T Datasheet
256Kb / 11P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9001A INTERSIL-ISL9001A Datasheet
259Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9005AIRNZ-T INTERSIL-ISL9005AIRNZ-T Datasheet
246Kb / 9P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9001 INTERSIL-ISL9001 Datasheet
270Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9005 INTERSIL-ISL9005 Datasheet
248Kb / 9P
   LDO with Low ISUPPLY, High PSRR
logo
Renesas Technology Corp
ISL9001A RENESAS-ISL9001A Datasheet
624Kb / 12P
   LDO with Low ISUPPLY, High PSRR
ISL9005 RENESAS-ISL9005 Datasheet
546Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9005A RENESAS-ISL9005A Datasheet
571Kb / 10P
   LDO with Low ISUPPLY, High PSRR
ISL9001 RENESAS-ISL9001 Datasheet
600Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com