Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9202 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL9202
Description  Programmable VCOM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9202 Datasheet(HTML) 4 Page - Intersil Corporation

  EL9202 Datasheet HTML 1Page - Intersil Corporation EL9202 Datasheet HTML 2Page - Intersil Corporation EL9202 Datasheet HTML 3Page - Intersil Corporation EL9202 Datasheet HTML 4Page - Intersil Corporation EL9202 Datasheet HTML 5Page - Intersil Corporation EL9202 Datasheet HTML 6Page - Intersil Corporation EL9202 Datasheet HTML 7Page - Intersil Corporation EL9202 Datasheet HTML 8Page - Intersil Corporation EL9202 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN7438.1
October 30, 2008
SETDN
SET Differential Nonlinearity
Monotonic over-temperature
±1
LSB
SETZSE
SET Zero-Scale Error
(Note 3)
±2
LSB
SETFSE
SET Full-Scale Error
(Note 3)
±8
LSB
ISET
SET Current
Through RSET (Note 1)
120
µA
SETER
SET External Resistance
To GND, AVDD = 20V (Note 1)
10
200
k
Ω
To GND, AVDD = 4.5V (Note 1)
2.25
45
k
Ω
AVDD to SET
AVDD to SET Voltage Attenuation
1:20
V/V
OUTST
OUT Settling Time
To ±0.5 LSB error band (Note 1)
20
µs
VOUT
OUT Voltage Range
(Note 1)
VSET + 0.5V
13
V
OUTVD
OUT Voltage Drift
(Note 1)
10
mV
AMPLIFIER CHARACTERISTICS
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
3
15
mV
TCVOS
Average Offset Voltage Drift (Note 1)
7
µV/°C
IB
Input Bias Current
VCM = 0V
2
60
nA
RIN
Input Impedance
1G
Ω
CIN
Input Capacitance
2pF
CMRR
Common-Mode Rejection Ratio
For VIN from -5.5V to +5.5V
50
70
dB
AVOL
Open-Loop Gain
-4.5V
≤ VOUT ≤ +4.5V
60
70
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
RL = 1.5kΩ to 0
0.09
0.15
V
VOH
Output Swing High
14.85
14.9
V
ISC
Short-Circuit Current
±150
±180
mA
IOUT
Output Current
±65
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS+ is moved from 4.5V to 15.5V
55
80
dB
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 4)
-4.0V
≤ VOUT ≤ 4.0V, 20% to 80%
60
80
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VOUT = 2V step
80
ns
BW
-3dB Bandwidth
44
MHz
GBWP
Gain-Bandwidth Product
32
MHz
PM
Phase Margin
50
°
CS
Channel Separation
f = 5MHz (EL9201 and EL9202 only)
110
dB
dG
Differential Gain (Note 5)
RF = RG = 1kΩ and VOUT = 1.4V
0.17
%
dP
Differential Phase (Note 5)
RF = RG = 1kΩ and VOUT = 1.4V
0.24
°
NOTES:
1. Simulated and determined via design and not directly tested
2. Tested at AVDD = 20V
3. Wafer sort only
4. NTSC signal generator used
5. Limits established by characterization and are not production tested.
Electrical Specifications
VSD = 3V, VS+ = 15V, AVDD = 15V, RSET = 24.9kΩ, and TA = +25°C unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
EL9200, EL9201, EL9202


Similar Part No. - EL9202

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL9202 RENESAS-EL9202 Datasheet
692Kb / 15P
   Programmable VCOM
EL9202IL RENESAS-EL9202IL Datasheet
692Kb / 15P
   Programmable VCOM
EL9202IL-T13 RENESAS-EL9202IL-T13 Datasheet
692Kb / 15P
   Programmable VCOM
EL9202IL-T7 RENESAS-EL9202IL-T7 Datasheet
692Kb / 15P
   Programmable VCOM
EL9202ILZ RENESAS-EL9202ILZ Datasheet
692Kb / 15P
   Programmable VCOM
More results

Similar Description - EL9202

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL9200 RENESAS-EL9200 Datasheet
692Kb / 15P
   Programmable VCOM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com