Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9221 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9221
Description  Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9221 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9221 Datasheet HTML 2Page - Intersil Corporation ISL9221 Datasheet HTML 3Page - Intersil Corporation ISL9221 Datasheet HTML 4Page - Intersil Corporation ISL9221 Datasheet HTML 5Page - Intersil Corporation ISL9221 Datasheet HTML 6Page - Intersil Corporation ISL9221 Datasheet HTML 7Page - Intersil Corporation ISL9221 Datasheet HTML 8Page - Intersil Corporation ISL9221 Datasheet HTML 9Page - Intersil Corporation ISL9221 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6541.1
April 3, 2008
Block Diagram
USB Charge Current
When the EN pin is pulled low and a valid USB voltage is
present at the USB pin, the IC will charge the battery at a
rate dependent on the IUSB setting. The charge current
maybe reduced by the USB source if it is set to a value
higher than the current limit of the USB source.
Equation 1 for setting the IUSB current is as follows:
Where RIUSB is in kΩ.
The current set by the IUSB pin for charging the battery is in
addition to current drawn by the load on the USB_BYP. The
system designer should consider the maximum expected
USB_BYP load current when selecting the USB charging
current so as not to exceed the current limits set by the USB
standards.
Typically at room temperature, the rDS(ON) across the charge
path, VUSB to BAT is 600m
Ω. If the entire USB current limit
of 465mA is being supplied to the battery, the drop across
the charging FET could be more than 300mV. Thus, the
voltage at the USB pin needs to be maintained above ~4.5V.
Otherwise, the period to charge the battery may be
prolonged.
Adapter Charge Current
When the EN pin is pulled low and a valid adapter voltage is
present at the VDC pin, the IC will charge the battery at a
rate dependent on the IVDC setting; the charge on the
battery and the source connected to the VDC pin. An
example of this is while the IVDC is set for 1000mA, the
adapter supply may only provide 800mA and the battery is
limited to the 800mA.
Typically the rDS(ON) across the charge path, VDC to BAT is
600m
Ω. At a 1.0A charging rate, 600mV is dropped across
the charge path. Thus, the voltage at the VDC pin needs to
be maintained above ~4.80V. Otherwise the period to charge
the battery may be prolonged.
Where RIVDC is in kΩ.
It is recommended that the maximum charging current be
programmed to between 100mA and 1200mA.
5.4VOVP
VOLTAGE/CURRENT CONTROLLER
THERM
USB_BYP
IMIN
IUSB
IDC
VUSB
VDC
LDO
BAT
EN
PPR
CHG
GND
I/O CNTL
4.35V TO 6.5V
4.35V TO 5.25V
6.8VOVP
+
-
+
-
+
-
1.22V
+
-
+
-
+
VDC
VUSB
150/80mV
VOS
VOS
+
-
+
-
2.6V
3.9V
VMIN
VRCH
+
-
4.2V
CC/CV
LDO
BYPASS
FIGURE 1. SIMPLIFIED BLOCK DIAGRAM
IUSB
6820
R
IUSB
------------------ mA
()
=
(EQ. 1)
IVDC
6820
R
IVDC
------------------ mA
()
=
(EQ. 2)
ISL9221


Similar Part No. - ISL9221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9221 RENESAS-ISL9221 Datasheet
606Kb / 11P
   Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
ISL9221IRZ RENESAS-ISL9221IRZ Datasheet
606Kb / 11P
   Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
ISL9221IRZ-T RENESAS-ISL9221IRZ-T Datasheet
606Kb / 11P
   Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
More results

Similar Description - ISL9221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9221 RENESAS-ISL9221 Datasheet
606Kb / 11P
   Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
logo
Diodes Incorporated
API9221 DIODES-API9221_16 Datasheet
672Kb / 16P
   CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
API9221 DIODES-API9221 Datasheet
295Kb / 17P
   Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
logo
Texas Instruments
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Advanced Analog Technol...
AAT3688 AAT-AAT3688 Datasheet
623Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3688 ANALOGICTECH-AAT3688_08 Datasheet
384Kb / 21P
   USB Port Lithium-Ion/Polymer Battery Charger
AAT3688 ANALOGICTECH-AAT3688 Datasheet
527Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Microsemi Corporation
LX2206 MICROSEMI-LX2206 Datasheet
307Kb / 14P
   Dual Level Lithium Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com