Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6845IBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6845IBZ
Description  Improved Industry Standard Single-Ended Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6845IBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6845IBZ Datasheet HTML 1Page - Intersil Corporation ISL6845IBZ Datasheet HTML 2Page - Intersil Corporation ISL6845IBZ Datasheet HTML 3Page - Intersil Corporation ISL6845IBZ Datasheet HTML 4Page - Intersil Corporation ISL6845IBZ Datasheet HTML 5Page - Intersil Corporation ISL6845IBZ Datasheet HTML 6Page - Intersil Corporation ISL6845IBZ Datasheet HTML 7Page - Intersil Corporation ISL6845IBZ Datasheet HTML 8Page - Intersil Corporation ISL6845IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN9124.10
ISL6840, ISL6841, ISL6842,
ISL6843, ISL6844, ISL6845
Improved Industry Standard Single-Ended
Current Mode PWM Controller
The ISL6840, ISL6841, ISL6842, ISL6843, ISL6844,
ISL6845 family of adjustable frequency, low power, pulse
width modulating (PWM) current mode controllers is
designed for a wide range of power conversion applications
including boost, flyback, and isolated output configurations.
Peak current mode control effectively handles power
transients and provides inherent overcurrent protection.
This advanced BiCMOS design is pin compatible with the
industry standard 384x family of controllers and offers
significantly improved performance. Features include low
operating current, 60µA start-up current, adjustable
operating frequency to 2MHz, and high peak current drive
capability with 20ns rise and fall times.
Pinouts
ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845
(8 LD SOIC, MSOP)
TOP VIEW
ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845
(8 LD DFN)
TOP VIEW
Features
• 1A MOSFET Gate Driver
• 60µA Start-up Current, 100µA Maximum
• 25ns Propagation Delay Current Sense to Output
• Fast Transient Response with Peak Current Mode Control
• Adjustable Switching Frequency to 2MHz
• 20ns Rise and Fall Times with 1nF Output Load
• Trimmed Timing Capacitor Discharge Current for Accurate
Deadtime/Maximum Duty Cycle Control
• High Bandwidth Error Amplifier
• Tight Tolerance Voltage Reference Over Line, Load, and
Temperature
• Tight Tolerance Current Limit Threshold
• Pb-Free Available (RoHS Compliant)
Applications
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems
• PC Power Supplies
• Isolated Buck and Flyback Regulators
• Boost Regulators
PART NUMBER
RISING UVLO (V) MAX. DUTY CYCLE (%)
ISL6840
7.0
100
ISL6841
7.0
50
ISL6842
14.4
100
ISL6843
8.4
100
ISL6844
14.4
50
ISL6845
8.4
50
COMP
FB
RTCT
VREF
VDD
OUT
GND
1
2
3
4
8
CS
7
6
5
2
3
4
1
7
6
5
8
COMP
FB
CS
RTCT
VREF
VDD
OUT
GND
Data Sheet
August 7, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005, 2007, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6845IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6845IBZ INTERSIL-ISL6845IBZ Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6845IBZ INTERSIL-ISL6845IBZ Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended
ISL6845IBZ INTERSIL-ISL6845IBZ Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6845IBZ INTERSIL-ISL6845IBZ Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6845IBZ RENESAS-ISL6845IBZ Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results

Similar Description - ISL6845IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com