Electronic Components Datasheet Search |
|
EL5227CLZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation |
|
EL5227CLZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation |
6 / 17 page 6 FN7111.4 May 4, 2007 Electrical Specifications VS+ = +5V, VS- = 0V, RL = 10kΩ, CL = 10pF to 2.5V, TA = +25°C, Unless Otherwise Specified. PARAMETER DESCRIPTION CONDITION MIN TYP MAX UNIT INPUT CHARACTERISTICS VOS Input Offset Voltage VCM = 2.5V 1 15 mV TCVOS Average Offset Voltage Drift (Note 4) 5 µV/°C IB Input Bias Current VCM = 2.5V 2 50 nA RIN Input Impedance 1G Ω CIN Input Capacitance 1.35 pF AV Voltage Gain 0.5V ≤ V OUT ≤ 4.5V 0.99 1.01 V/V OUTPUT CHARACTERISTICS VOL Output Swing Low IL = -5mA 80 150 mV VOH Output Swing High IL = +5mA 4.85 4.95 V IOUT (max) Output Current (Note 5) RL = 10Ω 100 ±120 mA POWER SUPPLY PERFORMANCE PSRR Power Supply Rejection Ratio VS is moved from 4.5V to 15.5V 55 80 dB IS Supply Current No load (EL5127) 0.7 0.9 mA No load (EL5227) 1.1 1.35 mA No load (EL5327) 1.35 1.9 mA No load (EL5427) 1.5 2.05 mA DYNAMIC PERFORMANCE SR Slew Rate (Note 6) 1V ≤ VOUT ≤ 4V, 20% to 80% 0.9 1.5 V/µs tS Settling to +0.1% (AV = +1) (AV = +1), VO = 2V step 1000 ns BW -3dB Bandwidth RL = 10kΩ, CL = 10pF 2.5 MHz CS Channel Separation f = 5MHz 75 dB NOTES: 4. Measured over operating temperature range. 5. Instantaneous peak current. 6. Slew rate is measured on rising and falling edges. EL5127, EL5227, EL5327, EL5427 |
Similar Part No. - EL5227CLZ-T7 |
|
Similar Description - EL5227CLZ-T7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |