Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6845IU Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6845IU
Description  Improved Industry Standard Single-Ended Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6845IU Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6845IU Datasheet HTML 4Page - Intersil Corporation ISL6845IU Datasheet HTML 5Page - Intersil Corporation ISL6845IU Datasheet HTML 6Page - Intersil Corporation ISL6845IU Datasheet HTML 7Page - Intersil Corporation ISL6845IU Datasheet HTML 8Page - Intersil Corporation ISL6845IU Datasheet HTML 9Page - Intersil Corporation ISL6845IU Datasheet HTML 10Page - Intersil Corporation ISL6845IU Datasheet HTML 11Page - Intersil Corporation ISL6845IU Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN9124.10
August 7, 2008
Pin Descriptions
RTCT - This is the oscillator timing control pin. The
operational frequency and maximum duty cycle are set by
connecting a resistor, RT, between VREF and this pin and a
timing capacitor, CT, from this pin to GND. The oscillator
produces a sawtooth waveform with a programmable
frequency range up to 2.0MHz. The charge time, tC, the
discharge time, tD, the switching frequency, f, and the
maximum duty cycle, Dmax, can be calculated from
Equations 1, 2, 3 and 4:
Figure 4 may be used as a guideline in selecting the
capacitor and resistor values required for a given frequency.
COMP - COMP is the output of the error amplifier and the
input of the PWM comparator. The control loop frequency
compensation network is connected between the COMP and
FB pins.
FB - The output voltage feedback is connected to the
inverting input of the error amplifier through this pin. The
non-inverting input of the error amplifier is internally tied to a
reference voltage.
CS - This is the current sense input to the PWM comparator.
The range of the input signal is nominally 0V to 1.0V and has
an internal offset of 100mV.
GND - GND is the power and small signal reference ground
for all functions.
OUT - This is the drive output to the power switching device.
It is a high current output capable of driving the gate of a
power MOSFET with peak currents of
1.0A.
VDD - VDD is the power connection for the device. The total
supply current will depend on the load applied to OUT. Total
IDD current is the sum of the operating current and the
average output current. Knowing the operating frequency, f,
Typical Performance Curves
FIGURE 1. FREQUENCY vs TEMPERATURE
FIGURE 2. REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 3. EA REFERENCE vs TEMPERATURE
FIGURE 4. RESISTANCE FOR CT CAPACITOR VALUES GIVEN
1.02
1.01
1.00
0.99
0.98
0.97
-40
-10
20
50
80
110
TEMPERATURE (°C)
TEMPERATURE (°C)
1.001
1.000
0.999
0.998
0.997
0.996
0.995
-40 -25
-10
5
20
35
50
65
80
95 110
TEMPERATURE (°C)
1.002
1.000
0.998
0.996
0.994
-40 -25
-10
5
20
35
50
65
80
95
110
103
100
10
1
10
20
30
40
50
60
70
80
90
100
RT (k
Ω)
100pF
220pF
330pF
470pF
1.0nF
2.2nF
3.3nF
4.7nF
t
C
0.583
RT
CT
(EQ. 1)
t
D
RT
CT
0.0083
RT
4.3
0.0083
RT
2.4
----------------------------------------------
⎝⎠
⎛⎞
ln
(EQ. 2)
f
1t
C
t
D
+
()
=
(EQ. 3)
Dt
C
f
=
(EQ. 4)
ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845


Similar Part No. - ISL6845IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6845IU INTERSIL-ISL6845IU Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL6845IU INTERSIL-ISL6845IU Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6845IUZ INTERSIL-ISL6845IUZ Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6845IUZ INTERSIL-ISL6845IUZ Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended
ISL6845IUZ INTERSIL-ISL6845IUZ Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results

Similar Description - ISL6845IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com