Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9201IL Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL9201IL
Description  Programmable VCOM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9201IL Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL9201IL Datasheet HTML 7Page - Intersil Corporation EL9201IL Datasheet HTML 8Page - Intersil Corporation EL9201IL Datasheet HTML 9Page - Intersil Corporation EL9201IL Datasheet HTML 10Page - Intersil Corporation EL9201IL Datasheet HTML 11Page - Intersil Corporation EL9201IL Datasheet HTML 12Page - Intersil Corporation EL9201IL Datasheet HTML 13Page - Intersil Corporation EL9201IL Datasheet HTML 14Page - Intersil Corporation EL9201IL Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN7438.1
October 30, 2008
more than 200µs. The output sink current will decrease and
the VCOM level will increase by one LSB.
To avoid unintentional adjustment, the EL9200, EL9201, and
EL9202 guarantees to reject CTL pulses shorter than 20µs.
Since the internal comparators come up in an unknown
state, the very first CTL pulse is ignored to avoid the
possibility of a false pulse.
See Figure 27 for the timing information.
FIGURE 27. VCOM ADJUSTMENT
TABLE 1. TRUTH TABLE
INPUT
OUTPUT
CTL
CE
VDD
SET
ICC
MEMORY
Mid to Hi
Hi
VDD
Decrement
Normal
X
Mid to Lo
Hi
VDD
Increment
Normal
X
XLo
VDD
No Change
Lower
X
> 4.9V
X
VDD
No Change
Increased
Program
X
X
0 to VDD
Read
Increased
Read
NOTE: CE should be disabled (pulled low) before powering down the device to assure that the glitches and transients will not cause unwanted
EEPROM overwriting.
CTL HIGH
VDD/2
CTL LOW
78
79
7A
7B
7A
UNDEF
CTLIHMPW
CTLILRPW
CTLILMPW
CTLMTC
CTLIHRPW
CTL
CE
COUNTER
OUTPUT
VCOM
EL9200, EL9201, EL9202


Similar Part No. - EL9201IL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL9201IL RENESAS-EL9201IL Datasheet
692Kb / 15P
   Programmable VCOM
EL9201IL-T13 RENESAS-EL9201IL-T13 Datasheet
692Kb / 15P
   Programmable VCOM
EL9201IL-T7 RENESAS-EL9201IL-T7 Datasheet
692Kb / 15P
   Programmable VCOM
EL9201ILZ RENESAS-EL9201ILZ Datasheet
692Kb / 15P
   Programmable VCOM
EL9201ILZ-T13 RENESAS-EL9201ILZ-T13 Datasheet
692Kb / 15P
   Programmable VCOM
More results

Similar Description - EL9201IL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL9200 RENESAS-EL9200 Datasheet
692Kb / 15P
   Programmable VCOM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com