Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9563201VEC Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962F9563201VEC
Description  Radiation Hardened Quad Differential Line Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9563201VEC Datasheet(HTML) 1 Page - Intersil Corporation

  5962F9563201VEC Datasheet HTML 1Page - Intersil Corporation 5962F9563201VEC Datasheet HTML 2Page - Intersil Corporation 5962F9563201VEC Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
®
FN2929.3
HS-26CT31RH
Radiation Hardened Quad Differential Line
Driver
The Intersil HS-26CT31RH is a quad differential line driver
designed for digital data transmission over balanced lines
and meets the requirements of EIA standard RS-422.
Radiation hardened CMOS processing assures low power
consumption, high speed, and reliable operation in the most
severe radiation environments.
The HS-26CT31RH accepts TTL signal levels and converts
them to RS-422 compatible outputs. This circuit uses special
outputs that enable the drivers to power down without
loading down the bus. Enable and disable pins allow several
devices to be connected to the same data source and
addressed independently.
Specifications
Specifications for Rad Hard QML devices are controlled by
the Defense Supply Center in Columbus (DSCC). The SMD
numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95632. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/military/
Features
• Electronically Screened to SMD #5962-95632
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.2 Micron Radiation Hardened CMOS
• Total Dose Up to 300kRAD(Si)
• Latchup Free
• EIA RS-422 Compatible Outputs (Except for IOS)
• Operation with TTL Based on VIH = VDD/2
• High Impedance Outputs when Disabled or Powered
Down
• Low Power Dissipation 2.75mW Standby (Max)
• Single 5V Supply
• Low Output Impedance 10
Ω or Less
• Full -55°C to +125°C Military Temperature Range
Applications
• Line Transmitter for MIL-STD-1553 Serial Data Bus
• Line Transmitter for RS422
Ordering Information
ORDERING
NUMBER
INTERNAL
MKT. NUMBER
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
5962F9563201QEC
HS1-26CT31RH-8
Q 5962F95 63201QEC
-55 to +125
16 LD SBDIP
D16.3
5962F9563201QXC
HS9-26CT31RH-8
Q 5962F95 63201QXC
-55 to +125
16 LD FLATPACK
K16.A
5962F9563201VEC
HS1-26CT31RH-Q
Q 5962F95 63201VEC
-55 to +125
16 LD SBDIP
D16.3
5962F9563201VXC
HS9-26CT31RH-Q
Q 5962F95 63201VXC
-55 to +125
16 LD FLATPACK
K16.A
HS1-26CT31RH/PROTO
HS1-26CT31RH/PROTO
HS1 - 26CT31RH/PROTO
-55 to +125
16 LD SBDIP
D16.3
HS9-26CT31RH/PROTO
HS9-26CT31RH/PROTO
HS9 - 26CT31RH/PROTO
-55 to +125
16 LD FLATPACK
K16.A
5962F9563201V9A
HS0-26CT31RH-Q
-55 to +125
Data Sheet
August 25, 2008
[ /Title
(HS-
26C31
RH)
/Subje
ct
(Radia
tion
Harde
ned
Quad
Differe
ntial
Line
Driver)
/Autho
r ()
/Keyw
ords
(Inters
il
Corpo
ration,
semic
onduc
tor,
Radiat
ion
Harde
ned,
RH,
Rad
Hard,
QML,
Satellit
e,
SMD,
Class
V,
Data
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2000, 2008. All Rights Reserved
Satellite Applications Flow
™ (SAF) is a trademark of Intersil Corporation. All other trademarks mentioned are the property of their


Similar Part No. - 5962F9563201VEC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9563201VEC INTERSIL-5962F9563201VEC Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
More results

Similar Description - 5962F9563201VEC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
logo
Intersil Corporation
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C31RH-T INTERSIL-HS-26C31RH-T Datasheet
69Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C32RH-T INTERSIL-HS-26C32RH-T Datasheet
78Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Driver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
   Quad RS-422 Differential Line Driver Radiation Hardened
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com