Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-1840BRH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS-1840BRH
Description  Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1840BRH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-1840BRH Datasheet HTML 1Page - Intersil Corporation HS-1840BRH Datasheet HTML 2Page - Intersil Corporation HS-1840BRH Datasheet HTML 3Page - Intersil Corporation HS-1840BRH Datasheet HTML 4Page - Intersil Corporation HS-1840BRH Datasheet HTML 5Page - Intersil Corporation HS-1840BRH Datasheet HTML 6Page - Intersil Corporation HS-1840BRH Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Rad-Hard 16 Channel CMOS Analog Multiplexer
with High-Z Analog Input Protection
HS-1840ARH, HS-1840BRH
The HS-1840ARH, HS-1840BRH are radiation hardened,
monolithic 16 channel multiplexers constructed with the
Intersil Rad-Hard Silicon Gate, bonded wafer, Dielectric
Isolation process. They are designed to provide a high input
impedance to the analog source if device power fails
(open), or the analog signal voltage inadvertently exceeds
the supply by up to ±35V, regardless of whether the device
is powered on or off. Excellent for use in redundant
applications, since the secondary device can be operated in
a standby unpowered mode affording no additional power
drain. More significantly, a very high impedance exists
between the active and inactive devices preventing any
interaction. One of sixteen channel selections is controlled
by a 4-bit binary address plus an Enable-Inhibit input which
conveniently controls the ON/OFF operation of several
multiplexers in a system. All inputs have electrostatic
discharge protection. The HS-1840ARH, HS-1840BRH are
processed and screened in full compliance with
MIL-PRF-38535 and QML standards. The devices are
available in a 28 Ld SBDIP and a 28 Ld Ceramic Flatpack.
Specifications for Rad Hard QML devices are
controlled by the Defense Supply Center in
Columbus (DSCC). The SMD numbers listed here
must be used when ordering.
Detailed Electrical Specifications for these devices
are contained in SMD 5962-95630. A “hot-link” is
provided on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Features
• Electrically Screened to SMD # 5962-95630
• QML Qualified per MIL-PRF-38535 Requirements
• Pin-to-Pin for Intersil’s HS-1840RH and HS-1840/883S
• Improved Radiation Performance
- Gamma Dose (γ) 3x105RAD(Si)
•Improved rDS(ON) Linearity
• Improved Access Time 1.5µs (Max) Over Temp and
Post Rad
• High Analog Input Impedance 500MΩ During Power
Loss (Open)
• ±35V Input Overvoltage Protection (Power On or Off)
• Dielectrically Isolated Device Islands
• Excellent in Hi-Rel Redundant Systems
• Break-Before-Make Switching
•No Latch-Up
Ordering Information
ORDERING
NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(°C)
PART
MARKING NO.
PACKAGE
5962F9563002QXC
HS1-1840ARH-8
-55 to +125
Q 5962F95 63002QXC
28 Ld SBDIP
5962F9563002QYC
HS9-1840ARH-8
-55 to +125
Q 5962F95 63002QYC
28 Ld Flatpack
5962F9563002VXC
HS1-1840ARH-Q
-55 to +125
Q 5962F95 63002VXC
28 Ld SBDIP
5962F9563002VYC
HS9-1840ARH-Q
-55 to +125
Q 5962F95 63002VYC
28 Ld Flatpack
HS1-1840ARH/PROTO
HS1-1840ARH/PROTO
-55 to +125
HS1- 1840ARH /PROTO
28 Ld SBDIP
HS9-1840ARH/PROTO
HS9-1840ARH/PROTO
-55 to +125
HS9- 1840ARH /PROTO
28 Ld Flatpack
HS1-1840ARH-T
HS1-1840ARH-T
-55 to +125
Q 5962R95 63002TXC
28 Ld SBDIP
5962F9563002V9A
HS0-1840ARH-Q
-55 to +125
5962F9563003QXC
HS1-1840BRH-8
-55 to +125
Q 5962F95 63003QXC
28 Ld SBDIP
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002, 2009, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
September 14, 2010
FN4355.3


Similar Part No. - HS-1840BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1840BRH INTERSIL-HS-1840BRH Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840BRH INTERSIL-HS-1840BRH Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
More results

Similar Description - HS-1840BRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1840ARH INTERSIL-HS-1840ARH_11 Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840RH883S INTERSIL-HS-1840RH883S Datasheet
830Kb / 11P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840BEH INTERSIL-HS-1840BEH Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
Intersil Corporation
HS-1840ARH-T INTERSIL-HS-1840ARH-T Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
   RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
287Kb / 12P
   RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Maxwell Technologies
306RPFX MAXWELL-306RPFX Datasheet
272Kb / 16P
   16-Channel CMOS Analog Multiplexer
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com