Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6161CBZA Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6161CBZA
Description  Dual Power Distribution Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6161CBZA Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6161CBZA Datasheet HTML 1Page - Intersil Corporation ISL6161CBZA Datasheet HTML 2Page - Intersil Corporation ISL6161CBZA Datasheet HTML 3Page - Intersil Corporation ISL6161CBZA Datasheet HTML 4Page - Intersil Corporation ISL6161CBZA Datasheet HTML 5Page - Intersil Corporation ISL6161CBZA Datasheet HTML 6Page - Intersil Corporation ISL6161CBZA Datasheet HTML 7Page - Intersil Corporation ISL6161CBZA Datasheet HTML 8Page - Intersil Corporation ISL6161CBZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN9104.4
October 2, 2008
ISL6161 Description and Operation
The ISL6161 is a multi-featured +12V and +3.3V dual power
supply distribution controller. Its features include programmable
current regulation (CR) limiting and time to latch off.
At turn-on, the gate capacitor of each external N-Channel
MOSFET is charged with a 10µA current source. These
capacitors create a programmable ramp (soft turn-on). A
charge pump supplies the gate drive for the 12V supply control
FET switch driving that gate to 17V.
The load currents pass through two external current sense
resistors. When the voltage across either resistor quickly
exceeds the user programmed Current Regulation voltage
threshold (CRVth) level, the controller enters current regulation.
The CRVth is set by the external resistor value on RILIM pin. At
this time, the time-out capacitor, CTIM, starts charging with a
10µA current source and the controller enters the time-out
period. The length of the time-out period is set by the single
external capacitor (see Table 2) placed from the CTIM pin
(pin 10) to ground and is characterized by a lowered gate drive
voltage to the appropriate external N-Channel MOSFET. Once
CTIM charges to 2V, an internal comparator is tripped resulting
in both N-Channel MOSFETs being latched off. If the voltage
across the sense resistors rises slowly in response to an OC
condition, then the CR mode is entered at ~95% of the
programmed CR level. This difference is due to the necessary
hysteresis and response time in the CR control circuitry.
Table 1 shows RSENSE and RILIM recommendations and
resulting CR level for the PCI-Express add-in card connector
sizes specified.
±1% Current Limit Response Time
(Current within 1% of Regulated Value)
200% Current Overload, RILIM = 10kΩ,
RSHORT = 2.5Ω
-10
-
µs
Response Time To Dead Short
RTSHORT
CVG = 0.01µF
-
500
ns
Gate Turn-On Time
tON3V
CVG = 0.01µF
-
5
-
ms
Gate Turn-On Current
ION3V
CVG = 0.01µF
8
10
12
µA
3x Gate Discharge Current
3xdisI
CVG = 0.01µF, ENABLE = Low
0.75
-
A
3.3V Undervoltage Threshold
3.3VVUV
2.7
2.85
3.0
V
3.3VG High Voltage
3VG
11.2
11.9
-
V
SUPPLY CURRENT AND IO SPECIFICATIONS
VDD Supply Current
IVDD
48
10
mA
VDD POR Rising Threshold
9.5
10.0
10.7
V
VDD POR Falling Threshold
9.0
9.4
9.8
V
Current Limit Time-Out
tILIM
CTIM = 0.1µF
-
20
-
ms
ENABLE Pull-up Voltage
PWRN_V
ENABLE pin open
1.8
2.4
3.2
V
ENABLE Rising Threshold
PWR_Vth
1.1
1.5
2
V
ENABLE Hysteresis
PWR_hys
0.1
0.2
0.3
V
ENABLE Pull-Up Current
PWRN_I
60
80
100
µA
Current Limit Time-Out Threshold (CTIM)CTIM_Vth
1.8
2
2.2
V
CTIM Charging Current
CTIM_I
8
10
12
µA
CTIM Discharge Current
CTIM_disI
1.7
2.6
3.5
mA
CTIM Pull-Up Current
CTIM_disI
VCTIM = 8V
3.556.5
mA
RILIM Pin Current Source Output
RILIM_Io
90
100
110
µA
Charge Pump Output Current
Qpmp_Io
CPUMP = 0.1µF, CPUMP = 16V
320
560
900
µA
Charge Pump Output Voltage
Qpmp_Vo
No load
17.2
17.4
-
V
Charge Pump Output Voltage - Loaded
Qpmp_VIo
Load current = 100µA
16.2
16.7
-
V
Charge Pump POR Rising Threshold
Qpmp + Vth
15.6
16
16.5
V
Charge Pump POR Falling Threshold
Qpmp - Vth
15.2
15.7
16.2
V
Electrical Specifications
VDD = 12V, CVG = 0.01µF, CTIM = 0.1µF, RSENSE = 0.1Ω, CBULK = 220µF, ESR = 0.5Ω, TA = TJ = -40°C to
+85°C, Unless Otherwise Specified. Parameters with MIN and/or MAX limits are 100% tested at +25°C,
unless otherwise specified. Temperature limits established by characterization and are not
production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6161


Similar Part No. - ISL6161CBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6161CBZA INTERSIL-ISL6161CBZA Datasheet
218Kb / 11P
   Dual Power Distribution Controller
October 2, 2008
More results

Similar Description - ISL6161CBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1012 INTERSIL-HIP1012 Datasheet
173Kb / 15P
   Dual Power Distribution Controller
HIP1012A INTERSIL-HIP1012A_04 Datasheet
543Kb / 15P
   Dual Power Distribution Controller
logo
Renesas Technology Corp
ISL6161 RENESAS-ISL6161 Datasheet
691Kb / 14P
   Dual Power Distribution Controller
Aug 16, 2018
HIP1012A RENESAS-HIP1012A Datasheet
864Kb / 15P
   Dual Power Distribution Controller
logo
Intersil Corporation
ISL6161IBZA INTERSIL-ISL6161IBZA Datasheet
218Kb / 11P
   Dual Power Distribution Controller
October 2, 2008
HIP1013 INTERSIL-HIP1013 Datasheet
51Kb / 7P
   Low Cost Dual Power Distribution Controller
HIP1013 INTERSIL-HIP1013_04 Datasheet
206Kb / 8P
   Low Cost Dual Power Distribution Controller
logo
Renesas Technology Corp
HIP1013 RENESAS-HIP1013 Datasheet
423Kb / 7P
   Low Cost Dual Power Distribution Controller
logo
Anpec Electronics Corop...
APL3540 ANPEC-APL3540 Datasheet
313Kb / 19P
   High-Side Power Distribution Controller
APL3542A ANPEC-APL3542A Datasheet
268Kb / 20P
   High-Side Power Distribution Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com