Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9000AIRGCZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9000AIRGCZ
Description  Dual LDO with Low Noise, Very High PSRR and Low IQ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9000AIRGCZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9000AIRGCZ Datasheet HTML 1Page - Intersil Corporation ISL9000AIRGCZ Datasheet HTML 2Page - Intersil Corporation ISL9000AIRGCZ Datasheet HTML 3Page - Intersil Corporation ISL9000AIRGCZ Datasheet HTML 4Page - Intersil Corporation ISL9000AIRGCZ Datasheet HTML 5Page - Intersil Corporation ISL9000AIRGCZ Datasheet HTML 6Page - Intersil Corporation ISL9000AIRGCZ Datasheet HTML 7Page - Intersil Corporation ISL9000AIRGCZ Datasheet HTML 8Page - Intersil Corporation ISL9000AIRGCZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6391.1
ISL9000A
Dual LDO with Low Noise, Very High
PSRR and Low IQ
ISL9000A is a high performance dual LDO capable of
sourcing 300mA current from each output. It has a low
standby current and very high PSRR and is stable with
output capacitance of 1µF to 10µF with ESR of up to 200m
Ω.
The device integrates an individual Power-On-Reset (POR)
function for each output. The POR delay for VO2 can be
externally programmed by connecting a timing capacitor to
the CPOR pin. The POR delay for VO1 is internally fixed at
approximately 2ms. A reference bypass pin is also provided
for connecting a noise filtering capacitor for low noise and
high-PSRR applications.
The quiescent current is typically only 42µA with both LDO’s
enabled and active. Separate enable pins control each
individual LDO output. When both enable pins are low, the
device is in shutdown, typically drawing less than 0.1µA.
Several combinations of voltage outputs are standard.
Output voltage options for each LDO range from 1.5V to
3.3V. Other output voltage options may be available upon
request.
Pinout
ISL9000A
(10 LD 3X3 DFN)
TOP VIEW
Features
• Integrates two 300mA high performance LDOs
• Excellent transient response to large current steps
• ±1.8% accuracy over all operating conditions
• Excellent load regulation: < 0.1% voltage change across
full range of load current
• Low output noise: typically 30µVRMS @ 100µA (1.5V)
• Very high PSRR: 90dB @ 1kHz
• Extremely low quiescent current: 42µA (both LDOs active)
• Wide input voltage capability: 2.3V to 6.5V
• Low dropout voltage: typically 200mV @ 300mA
• Stable with 1µF to 10µF ceramic capacitors
• Separate enable and POR pins for each LDO
• Soft-start and staged turn-on to limit input current surge
during enable
• Current limit and overheat protection
• Tiny 10 Ld 3mmx3mm DFN package
• -40°C to +85°C operating temperature range
• Pb-free (RoHS compliant)
Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices including Medical Handheld
VIN
EN1
EN2
CBYP
CPOR
VO1
VO2
POR2
POR1
GND
2
3
4
1
5
9
8
7
10
6
Data Sheet
March 11, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007, 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL9000AIRGCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9000AIRGCZ INTERSIL-ISL9000AIRGCZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
More results

Similar Description - ISL9000AIRGCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302AARMMZ INTERSIL-ISL78302AARMMZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL9000AIRNNZ INTERSIL-ISL9000AIRNNZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
ISL9000 INTERSIL-ISL9000_06 Datasheet
231Kb / 11P
   Dual LDO with Low Noise, Very High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9000A RENESAS-ISL9000A Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com