Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9563003VXC Datasheet(PDF) 5 Page - Intersil Corporation

Part # 5962F9563003VXC
Description  Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9563003VXC Datasheet(HTML) 5 Page - Intersil Corporation

  5962F9563003VXC Datasheet HTML 1Page - Intersil Corporation 5962F9563003VXC Datasheet HTML 2Page - Intersil Corporation 5962F9563003VXC Datasheet HTML 3Page - Intersil Corporation 5962F9563003VXC Datasheet HTML 4Page - Intersil Corporation 5962F9563003VXC Datasheet HTML 5Page - Intersil Corporation 5962F9563003VXC Datasheet HTML 6Page - Intersil Corporation 5962F9563003VXC Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HS-1840ARH, HS-1840BRH
5
FN4355.3
September 14, 2010
Die Characteristics
DIE DIMENSIONS:
(2820µmx4080µm x 483µm ±25.4μm)
111 milsx161 milsx19 mils ±1 mil
INTERFACE MATERIALS:
Glassivation:
Type: PSG (Phosphorus Silicon Glass)
Thickness: 8.0k
Å ±1kÅ
Top Metallization:
Type: AlSiCu
Thickness: 16.0k
Å ±2kÅ
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential:
Unbiased (DI)
ADDITIONAL INFORMATION:
Worst Case Current Density:
Modified SEM
Transistor Count:
407
Process:
Radiation Hardened Silicon Gate,
Bonded Wafer, Dielectric Isolation
Metallization Mask Layout
HS-1840ARH, HS-1840BRH
ENABLE
A0
A1
A2
A3
VREF
GND
IN8
-V
OUT
+V
IN16


Similar Part No. - 5962F9563003VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9563003VXC INTERSIL-5962F9563003VXC Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
5962F9563003VXC INTERSIL-5962F9563003VXC Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
logo
List of Unclassifed Man...
5962F9563003VXC ETC2-5962F9563003VXC Datasheet
332Kb / 27P
   MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
More results

Similar Description - 5962F9563003VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1840ARH INTERSIL-HS-1840ARH_11 Datasheet
413Kb / 7P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840RH883S INTERSIL-HS-1840RH883S Datasheet
830Kb / 11P
   Rad-Hard 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
HS-1840BEH INTERSIL-HS-1840BEH Datasheet
415Kb / 7P
   Rad-Hard 16 Channel BiCMOS Analog Multiplexer with High-Z Analog Input Protection
logo
Harris Corporation
HS-1840RH HARRIS-HS-1840RH Datasheet
193Kb / 13P
   Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog
logo
Intersil Corporation
HS-1840ARH-T INTERSIL-HS-1840ARH-T Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
   RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
287Kb / 12P
   RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Maxwell Technologies
306RPFX MAXWELL-306RPFX Datasheet
272Kb / 16P
   16-Channel CMOS Analog Multiplexer
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com