Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL90726WIE627Z-TK Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL90726WIE627Z-TK
Description  Digitally Controlled Potentiometer XDCP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL90726WIE627Z-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL90726WIE627Z-TK Datasheet HTML 1Page - Intersil Corporation ISL90726WIE627Z-TK Datasheet HTML 2Page - Intersil Corporation ISL90726WIE627Z-TK Datasheet HTML 3Page - Intersil Corporation ISL90726WIE627Z-TK Datasheet HTML 4Page - Intersil Corporation ISL90726WIE627Z-TK Datasheet HTML 5Page - Intersil Corporation ISL90726WIE627Z-TK Datasheet HTML 6Page - Intersil Corporation ISL90726WIE627Z-TK Datasheet HTML 7Page - Intersil Corporation ISL90726WIE627Z-TK Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FN8244.1
August 3, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at any digital interface pin
with respect to VSS . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC+0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +7V
Voltage at any DCP pin with
respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC
Lead temperature (soldering, 10s). . . . . . . . . . . . . . . . . . . . . . 300°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup . . . . . . . . . . . . . . . . . . . . . . . . . . . Class II, Level B at 85°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2kV Human Body Model
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Power rating of each DCP . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5mW
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
RTOTAL
RH to RL resistance
W, U versions respectively
10, 50
k
RH to RL resistance tolerance
-20
+20
%
RW (Note 10) Wiper resistance
VCC = 3.3V @25°C
85
CH/CL/CW
(Note 10)
Potentiometer Capacitance
10/10/
25
pF
ILkgDCP
Leakage on DCP pins
Voltage at pin from GND to VCC
0.1
1
µA
RESISTOR MODE
RINL
(Note 8)
Integral non-linearity
DCP register set between 20 hex and 7F hex.
Monotonic over all tap positions
-2
±0.25
2
MI
(Note 5)
RDNL (Note 7) Differential non-linearity
DCP register set between 20 hex
and 7F hex. Monotonic over all tap
positions
W option
-1
±0.1
1
MI
(Note 5)
U option
-1
±0.1
1
MI
(Note 5)
Roffset
(Note 6)
Offset
W option
0
1
3
MI
(Note 5)
U option
0
0.5
2
MI
(Note 5)
TCR
(Notes 9, 10)
Resistance Temperature Coefficient
DCP register set between 20 hex and 7F hex
±45
ppm/°C
Operating Specifications
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
ICC1
VCC supply current
(Volatile write/read)
fSCL = 400kHz; SDA = Open; (for I2C, Active,
Read and Volatile Write States only)
200
µA
ISB
VCC current (standby)
VCC = +5.5V, I2C Interface in Standby State
500
nA
IComLkg
Common-Mode Leakage
Voltage at SDA pin at GND or VCC
3µA
tDCP (Note 10) DCP wiper response time
SCL falling edge of last bit of DCP Data Byte to
wiper change
500
ns
VCCRamp
VCC ramp rate
0.2
V/ms
tD
Power-up delay
VCC above Vpor, to DCP Initial Value Register
recall completed, and I2C Interface in standby
state
3ms
ISL90726


Similar Part No. - ISL90726WIE627Z-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL90726WIE627Z-TK RENESAS-ISL90726WIE627Z-TK Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
More results

Similar Description - ISL90726WIE627Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com